Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0629DPE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK0629DPE
Description  60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0629DPE Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK0629DPE_13 Datasheet HTML 1Page - Renesas Technology Corp RJK0629DPE_13 Datasheet HTML 2Page - Renesas Technology Corp RJK0629DPE_13 Datasheet HTML 3Page - Renesas Technology Corp RJK0629DPE_13 Datasheet HTML 4Page - Renesas Technology Corp RJK0629DPE_13 Datasheet HTML 5Page - Renesas Technology Corp RJK0629DPE_13 Datasheet HTML 6Page - Renesas Technology Corp RJK0629DPE_13 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK0629DPE
Preliminary
R07DS1060EJ0200 Rev.2.00
Page 5 of 6
Apr 09, 2013
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
15 V
0
ID
VDS
IAP
V (BR)DSS
L
VDD
EAS =
L
• I
AP
2
2
1
VDSS
VDSS – VDD
Avalanche Test Circuit
Avalanche Waveform
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Switching Time Waveform
Vin Monitor
D.U.T.
Vin
10 V
RL
VDS
= 30 V
Vout
Monitor
Rg
D = 1
0.05
10
μ
100
μ
1 m
10 m
100 m
10
1
10
1
0.1
0.01
0.1
0.2
0.5
0.01
1shot
pulse
0.02
P
DM
PW
T
D =
PW
T
θch – c(t) = γs (t) • θch – c
θch – c = 1.25°C/W, Tc = 25°C


Similar Part No. - RJK0629DPE_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0629DPE RENESAS-RJK0629DPE_15 Datasheet
110Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
More results

Similar Description - RJK0629DPE_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0629DPN RENESAS-RJK0629DPN_13 Datasheet
108Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPE RENESAS-RJK0629DPE_15 Datasheet
110Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPK RENESAS-RJK0629DPK_15 Datasheet
109Kb / 7P
   60V, 85A, 4.5m??max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPN RENESAS-RJK0629DPN_15 Datasheet
108Kb / 7P
   60V, 85A, 4.5m??max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPK RENESAS-RJK0629DPK_13 Datasheet
109Kb / 7P
   60V, 85A, 4.5m max.N Channel Power MOS FET High-Speed Switching Use
RJK0659DPA RENESAS-RJK0659DPA_13 Datasheet
166Kb / 7P
   60V, 30A, 8.0m max. N Channel Power MOS FET High Speed Power Switching
RJK0657DPA RENESAS-RJK0657DPA_13 Datasheet
166Kb / 7P
   60V, 20A, 13.6m max. N Channel Power MOS FET High Speed Power Switching
RJK0658DPA RENESAS-RJK0658DPA_13 Datasheet
165Kb / 7P
   60V, 25A, 11.1m max. N Channel Power MOS FET High Speed Power Switching
RJK0660DPA RENESAS-RJK0660DPA_13 Datasheet
166Kb / 7P
   60V, 40A, 5.1m max. N Channel Power MOS FET High Speed Power Switching
RJK0629DPK RENESAS-RJK0629DPK Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com