Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0657DPA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0657DPA
Description  60V, 20A, 13.6m max. N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0657DPA Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0657DPA Datasheet HTML 1Page - Renesas Technology Corp RJK0657DPA Datasheet HTML 2Page - Renesas Technology Corp RJK0657DPA Datasheet HTML 3Page - Renesas Technology Corp RJK0657DPA Datasheet HTML 4Page - Renesas Technology Corp RJK0657DPA Datasheet HTML 5Page - Renesas Technology Corp RJK0657DPA Datasheet HTML 6Page - Renesas Technology Corp RJK0657DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0657DPA
Preliminary
R07DS0343EJ0300 Rev.3.00
Page 3 of 6
Apr 09, 2013
Main Characteristics
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Case Temperature Tc (°C)
Power vs. Temperature Derating
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
0
2
468
10
20
15
10
5
20
15
10
5
0
24
6
8
80
60
40
20
0
50
100
150
200
VGS = 4.2 V
10
1
1
10
100
600
500
400
300
200
100
0 04
8
12
16
20
100
VGS = 10 V
4.6 V
5 V
Pulse Test
0.1
1
10
100
10
100
1000
1
0.01
0.1
PW = 10 ms
1 ms
10
μs
DC Operation
Operation in
this area is
limited by RDS(on)
Tc = 25
°C
1 shot Pulse
4.8 V
7 V, 10 V
Pulse Test
4.4 V
Tc = 75
°C
25
°C
–25
°C
VDS = 10 V
Pulse Test
Pulse Test
ID = 20 A
10 A
5 A


Similar Part No. - RJK0657DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0657DPA RENESAS-RJK0657DPA Datasheet
123Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0657DPA RENESAS-RJK0657DPA_15 Datasheet
166Kb / 7P
   60V, 20A, 13.6m廓 max. N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0657DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0657DPA RENESAS-RJK0657DPA_15 Datasheet
166Kb / 7P
   60V, 20A, 13.6m廓 max. N Channel Power MOS FET High Speed Power Switching
RJK0659DPA RENESAS-RJK0659DPA_13 Datasheet
166Kb / 7P
   60V, 30A, 8.0m max. N Channel Power MOS FET High Speed Power Switching
RJK0658DPA RENESAS-RJK0658DPA_13 Datasheet
165Kb / 7P
   60V, 25A, 11.1m max. N Channel Power MOS FET High Speed Power Switching
RJK0660DPA RENESAS-RJK0660DPA_13 Datasheet
166Kb / 7P
   60V, 40A, 5.1m max. N Channel Power MOS FET High Speed Power Switching
RJK0658DPA RENESAS-RJK0658DPA_15 Datasheet
165Kb / 7P
   60V, 25A, 11.1m廓 max. N Channel Power MOS FET High Speed Power Switching
RJK0660DPA RENESAS-RJK0660DPA_15 Datasheet
166Kb / 7P
   60V, 40A, 5.1m廓 max. N Channel Power MOS FET High Speed Power Switching
RJK0629DPN RENESAS-RJK0629DPN_13 Datasheet
108Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPE RENESAS-RJK0629DPE_15 Datasheet
110Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPK RENESAS-RJK0629DPK_15 Datasheet
109Kb / 7P
   60V, 85A, 4.5m??max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPE RENESAS-RJK0629DPE_13 Datasheet
110Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com