Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5750X7R2E105M Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # C5750X7R2E105M
Description  120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

C5750X7R2E105M Datasheet(HTML) 3 Page - Micrel Semiconductor

  C5750X7R2E105M Datasheet HTML 1Page - Micrel Semiconductor C5750X7R2E105M Datasheet HTML 2Page - Micrel Semiconductor C5750X7R2E105M Datasheet HTML 3Page - Micrel Semiconductor C5750X7R2E105M Datasheet HTML 4Page - Micrel Semiconductor C5750X7R2E105M Datasheet HTML 5Page - Micrel Semiconductor C5750X7R2E105M Datasheet HTML 6Page - Micrel Semiconductor C5750X7R2E105M Datasheet HTML 7Page - Micrel Semiconductor C5750X7R2E105M Datasheet HTML 8Page - Micrel Semiconductor C5750X7R2E105M Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MAQ5283
October 2012
3
M9999-100912-A
Absolute Maximum Ratings
(1)
VIN to GND................................................... –0.3V to +125V
VCPSRR to GND..................................................–0.3 to +14V
VFB, VSNS, VOUT to GND ................................... –0.3V to +6V
Lead Temperature (soldering, 10s).......................... +260°C
Junction Temperature .........................–40°C TJ +125°C
Storage Temperature .........................–65°C TA +150°C
ESD Ratings
(4)
HBM......................................................................... 2kV
MM.........................................................................200V
Operating Ratings
(2)
VIN ................................................................. +6V to +120V
VOUT Adjust Range ..................................... +1.23V to +5.5V
Junction Temperature ......................... –40°C TJ +125°C
Power Dissipation (PD)........................... Internally Limited
(3)
Junction Thermal Resistance (
θJA)
8-pin ePad SOIC ...............................................41°C/W
Electrical Characteristics
(5)
VIN = 12V, CIN = 1.0µF, CPSRR = 0.1µF, COUT = 10µF, IOUT = 100µA, TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range
6
120
V
Quiescent Supply Current
IOUT = 0
8
14
µA
Output Voltage
Output Voltage Accuracy
Variation from nominal VOUT
100µA ≤ IOUT ≤ 150mA
-5
+5
%
Line Regulation
VIN = 10V to 120V
−0.5
0.04
+0.5
%
Feedback Input (Adjustable)
FB Voltage
100µA ≤ IOUT ≤ 150mA
1.167
1.228
1.289
V
FB Current
3.2
nA
Current Limit
Current Limit
VOUT = 0V
180
300
500
mA
Ripple Rejection
100Hz ≤ f ≤ 1kHz
70
dB
1kHz < f ≤ 30kHz
75
dB
Power Supply Rejection Ratio
IOUT = 50mA
30kHz < f ≤ 100kHz
65
dB
Power Dropout Voltage
Dropout Voltage
IOUT = 150mA
1.8
2.8
V
Thermal Protection
Thermal-Shutdown Temperature
TJ rising
155
°C
Thermal-Shutdown Hysteresis
15
°C
Notes:
1.
Exceeding an absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation at any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation results in excessive die temperature, and causes the regulator to enter thermal shutdown.
4.
Devices are ESD sensitive; use proper handling precautions. Human body model, 1.5k
Ω in series with 100pF.
5.
Specifications are for packaged products only.


Similar Part No. - C5750X7R2E105M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C5750X7R2E105M TDK-C5750X7R2E105M Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C5750X7R2E105M230KA TDK-C5750X7R2E105M230KA Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C5750X7R2E105M230KA TDK-C5750X7R2E105M230KA_17 Datasheet
236Kb / 3P
   Multilayer Ceramic Chip Capacitors
C5750X7R2E105M230KE TDK-C5750X7R2E105M230KE Datasheet
1Mb / 12P
   MULTILAYER CERAMIC CHIP CAPACITORS
C5750X7R2E105M230KE TDK-C5750X7R2E105M230KE_16 Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
More results

Similar Description - C5750X7R2E105M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
logo
Monolithic Power System...
MP20049 MPS-MP20049 Datasheet
285Kb / 11P
   Ultra-Low Noise, High PSRR 150mA Linear Regulator in 0.8x0.8mm WLCSP
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com