Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0660DPA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK0660DPA
Description  60V, 40A, 5.1m max. N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0660DPA Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK0660DPA Datasheet HTML 1Page - Renesas Technology Corp RJK0660DPA Datasheet HTML 2Page - Renesas Technology Corp RJK0660DPA Datasheet HTML 3Page - Renesas Technology Corp RJK0660DPA Datasheet HTML 4Page - Renesas Technology Corp RJK0660DPA Datasheet HTML 5Page - Renesas Technology Corp RJK0660DPA Datasheet HTML 6Page - Renesas Technology Corp RJK0660DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK0660DPA
Preliminary
R07DS0346EJ0300 Rev.3.00
Page 2 of 6
Apr 09, 2013
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
60
V
ID = 10 mA, VGS = 0 V
Gate to source leak current
IGSS
0.1
A
VGS = 20 V, VDS = 0 V
Zero gate voltage drain current
IDSS
1
A
VDS = 60 V, VGS = 0 V
Gate to source cutoff voltage
VGS(off)
2.0
4.0
V
VDS = 10 V, ID = 1 mA
Static drain to source on state resistance
RDS(on)
4.2
5.1
m
ID = 20 A, VGS = 10 V
Note4
Forward transfer admittance
|yfs|
60
S
ID = 20 A, VDS = 10 V
Note4
Input capacitance
Ciss
3600
pF
Output capacitance
Coss
830
pF
Reverse transfer capacitance
Crss
230
pF
VDS = 10 V, VGS = 0 V,
f = 1 MHz
Gate Resistance
Rg
1.1
Total gate charge
Qg
45
nC
Gate to source charge
Qgs
20
nC
Gate to drain charge
Qgd
7.5
nC
VDD = 25 V, VGS = 10 V,
ID = 40 A
Turn-on delay time
td(on)
18
ns
Rise time
tr
14
ns
Turn-off delay time
td(off)
43
ns
Fall time
tf
11
ns
VGS = 10 V, ID = 20 A,
VDD  30 V, RL = 1.5 ,
Rg = 4.7
Body–drain diode forward voltage
VDF
0.8
1.1
V
IF = 40 A, VGS = 0 V
Note4
Body–drain diode reverse recovery time
trr
47
ns
IF = 40 A, VGS = 0 V
diF/ dt = 100 A/ s
Notes: 4. Pulse test


Similar Part No. - RJK0660DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0660DPA RENESAS-RJK0660DPA Datasheet
141Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0660DPA RENESAS-RJK0660DPA_15 Datasheet
166Kb / 7P
   60V, 40A, 5.1m廓 max. N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0660DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0660DPA RENESAS-RJK0660DPA_15 Datasheet
166Kb / 7P
   60V, 40A, 5.1m廓 max. N Channel Power MOS FET High Speed Power Switching
RJK0656DPB RENESAS-RJK0656DPB_15 Datasheet
157Kb / 7P
   60V, 40A, 5.6m??max. Silicon N Channel Power MOS FET Power Switching
RJK0656DPB RENESAS-RJK0656DPB Datasheet
157Kb / 7P
   60V, 40A, 5.6m max. Silicon N Channel Power MOS FET Power Switching
RJK0659DPA RENESAS-RJK0659DPA_13 Datasheet
166Kb / 7P
   60V, 30A, 8.0m max. N Channel Power MOS FET High Speed Power Switching
RJK0657DPA RENESAS-RJK0657DPA_13 Datasheet
166Kb / 7P
   60V, 20A, 13.6m max. N Channel Power MOS FET High Speed Power Switching
RJK0658DPA RENESAS-RJK0658DPA_13 Datasheet
165Kb / 7P
   60V, 25A, 11.1m max. N Channel Power MOS FET High Speed Power Switching
RJK03M3DPA RENESAS-RJK03M3DPA_15 Datasheet
190Kb / 7P
   30V, 40A, 3.9m廓max. N Channel Power MOS FET High Speed Power Switching
RJK0658DPA RENESAS-RJK0658DPA_15 Datasheet
165Kb / 7P
   60V, 25A, 11.1m廓 max. N Channel Power MOS FET High Speed Power Switching
RJK0657DPA RENESAS-RJK0657DPA_15 Datasheet
166Kb / 7P
   60V, 20A, 13.6m廓 max. N Channel Power MOS FET High Speed Power Switching
RJK0629DPN RENESAS-RJK0629DPN_13 Datasheet
108Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com