Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4100IC8TR3 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # KM4100IC8TR3
Description  Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4100IC8TR3 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button KM4100IC8TR3 Datasheet HTML 3Page - Fairchild Semiconductor KM4100IC8TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4100IC8TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4100IC8TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4100IC8TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4100IC8TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4100IC8TR3 Datasheet HTML 9Page - Fairchild Semiconductor KM4100IC8TR3 Datasheet HTML 10Page - Fairchild Semiconductor KM4100IC8TR3 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
REV. 1A February 2001
7
General Description
The KM4100/KM4101 are single supply, general
purpose, voltage-feedback amplifiers fabricated on a
complementary bipolar process using a patent pending
topology. They feature a rail-to-rail output stage and
are unity gain stable. Both gain bandwidth and slew
rate are insensitive to temperature.
The common mode input range extends to 300mV
below ground and to 1.2V below Vs. Exceeding these
values will not cause phase reversal. However, if the
input voltage exceeds the rails by more than 0.5V, the
input ESD devices will begin to conduct. The output
will stay at the rail during this overdrive condition.
The design uses a Darlington output stage. The output
stage is short circuit protected and offers “soft”
saturation protection that improves recovery time.
The typical circuit schematic is shown in Figure 1.
Figure 1: Typical Configuration
At non-inverting gains other than G = +1, keep Rg
below 1k
Ω to minimize peaking; thus, for optimum
response at a gain of +2, a feedback resistor of 1k
Ω is
recommended.
Figure 2 illustrates the KM4100/
KM4101 frequency response with both 1k
Ω and 2kΩ
feedback resistors.
Enable/Disable Function (KM4101)
The KM4101 offers an active-low disable pin that can
be used to lower its supply current. Leave the pin
floating to enable the part. Pull the disable pin to the
negative supply (which is ground in a single supply
application) to disable the output. During the disable
condition, the nominal supply current will drop to
below 127
µA and the output will be at high impedance
with about 2pF capacitance.
Figure 2: Frequency Response vs. Rf
Power Dissipation
The maximum internal power dissipation allowed is
directly related to the maximum junction temperature.
If the maximum junction temperature exceeds 150°C,
some reliability degradation will occur. If the maximum
junction temperature exceeds 175°C for an extended
time, device failure may occur.
The KM4100/KM4101 are short circuit protected.
However, this may not guarantee that the maximum
junction temperature (+150°C) is not exceeded under
all conditions. Follow the maximum power derating
curves shown in Figure 3 to ensure proper operation.
Figure 3: Power Derating Curves
Overdrive Recovery
For an amplifier, an overdrive condition occurs when
the output and/or input ranges are exceeded. The
recovery time varies based on whether the input or
output is overdriven and by how much the ranges are
exceeded. The KM4100/KM4101 will typically recover
in less than 20ns from an overdrive condition. Figure
4 shows the KM4100 in an overdriven condition.
+
-
KM4100
Rf
0.01
µF
6.8
µF
Out
In
+Vs
+
Rg
Frequency Reponse vs. Rf
Frequency (MHz)
1
10
100
Rf = 2kΩ
Rf = 1kΩ
G = 2
RL = 2kΩ
Vs = +5V
Maximum Power Dissipation
Ambient Temperature ( C)
-50
-30
-10
10
30
50
70
90
SOIC-8 lead
0
0.5
1.0
1.5
2.0
SOT23-6 lead
SOT23-5 lead
KM4100/KM4101
DATA SHEET


Similar Part No. - KM4100IC8TR3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5 FAIRCHILD-KM4110IT5 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5TR3 FAIRCHILD-KM4110IT5TR3 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results

Similar Description - KM4100IC8TR3

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com