Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4111 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KM4111
Description  0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4111 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KM4111 Datasheet HTML 1Page - Fairchild Semiconductor KM4111 Datasheet HTML 2Page - Fairchild Semiconductor KM4111 Datasheet HTML 3Page - Fairchild Semiconductor KM4111 Datasheet HTML 4Page - Fairchild Semiconductor KM4111 Datasheet HTML 5Page - Fairchild Semiconductor KM4111 Datasheet HTML 6Page - Fairchild Semiconductor KM4111 Datasheet HTML 7Page - Fairchild Semiconductor KM4111 Datasheet HTML 8Page - Fairchild Semiconductor KM4111 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
REV. 1B June 2001
KM4111/KM4121 Performance Characteristics (Vs = +5V, G = 2, RL = 2kΩ to Vs/2, Rf = 2.5kΩ; unless noted)
Non-Inverting Frequency Response Vs = +5V
Frequency (MHz)
0.1
1
G = 10
10
100
G = 5
G = 1
Rf = 0
G = 2
Inverting Frequency Response Vs = +5V
Frequency (MHz)
0.1
1
G = -10
10
100
G = -5
G = -2
G = -1
Non-Inverting Freq. Response Vs = +2.7V
Frequency (MHz)
0.1
1
G = 10
10
100
G = 5
G = 2
G = 1
Rf = 0
Inverting Frequency Response Vs = +2.7V
Frequency (MHz)
0.1
1
G = -10
10
100
G = -5
G = -1
G = -2
Large Signal Frequency Response
Frequency (MHz)
0.1
1
10
100
Vo = 1Vpp
Vo = 2Vpp
Open Loop Gain & Phase vs. Frequency
Frequency (Hz)
10
100
1k
1M
100k
10k
10M
-20
0
20
100
40
80
60
-200
-160
-120
40
-80
0
-40
|Gain|
Phase
Input Voltage Noise
Frequency (Hz)
100
1k
10k
1M
0
20
40
60
80
100
100k
2nd & 3rd Harmonic Distortion; Vs = +5V
Frequency (kHz)
10
100
3rd
1000
2nd
-100
-90
-80
-70
-60
-50
-40
Vo = 2Vpp
DATA SHEET
KM4111/KM4121


Similar Part No. - KM4111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5 FAIRCHILD-KM4110IT5 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5TR3 FAIRCHILD-KM4110IT5TR3 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results

Similar Description - KM4111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
logo
Exar Corporation
XR1009 EXAR-XR1009 Datasheet
637Kb / 16P
   0.2mA, 35MHz Rail-to-Rail Amplifiers
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
   0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com