Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4111 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KM4111
Description  0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4111 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KM4111 Datasheet HTML 1Page - Fairchild Semiconductor KM4111 Datasheet HTML 2Page - Fairchild Semiconductor KM4111 Datasheet HTML 3Page - Fairchild Semiconductor KM4111 Datasheet HTML 4Page - Fairchild Semiconductor KM4111 Datasheet HTML 5Page - Fairchild Semiconductor KM4111 Datasheet HTML 6Page - Fairchild Semiconductor KM4111 Datasheet HTML 7Page - Fairchild Semiconductor KM4111 Datasheet HTML 8Page - Fairchild Semiconductor KM4111 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Non-Inverting Freq. Response Vs = +5V
Frequency (MHz)
0.1
1
10
100
G = 2
Features
I
208
µA supply current
I
35MHz bandwidth
I
Power down to Is = 35µA (KM4121)
I
Fully specified at +2.7V and +5V supplies
I
Output voltage range: 0.08V to 4.88V; Vs = +5
I
Input voltage range: -0.3V to +3.8V; Vs = +5
I
27V/
µs slew rate
I
±8.5mA linear output current
I
±13mA short circuit output current
I
21nV/
√Hz input voltage noise
I
Directly replaces MAX4281
I
Small package options (SOT23-5 and SOT23-6)
Applications
I
Portable/battery-powered applications
I
A/D buffer
I
Active filters
I
Signal conditioning
I
Portable test instruments
General Description
The KM4111 (single) and KM4121 (single with disable)
are ultra-low power, low cost, voltage feedback
amplifiers. These amplifiers use only 208
µA of supply
current and are designed to operate on +2.7V, +5V,
or ±2.5V supplies. The input voltage range extends
300mV below the negative rail and 1.2V below the
positive rail.
The KM4111 offers high bipolar performance at a
low CMOS price. The KM4111 offers superior dynamic
performance with a 35MHz small signal bandwidth
and 27V/
µs slew rate. The combination of lowpower,
high bandwidth, and rail-to-rail performance make
the KM4111 well suited for battery-powered commu-
nication/computing systems.
KM4111/KM4121
0.2mA, Low Cost, +2.7V & +5V, 35MHz Rail-to-Rail Amplifiers
www.fairchildsemi.com
REV. 1B June 2001
KM4111/KM4121 Packages
-
1
2
3
Out
-Vs
+In
+Vs
-In
5
4
-
1
2
3
Out
-Vs
+In
+Vs
-In
6
4
5
DIS
SOT23-5 (KM4111)
SOT23-6 (KM4121)


Similar Part No. - KM4111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5 FAIRCHILD-KM4110IT5 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5TR3 FAIRCHILD-KM4110IT5TR3 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results

Similar Description - KM4111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
logo
Exar Corporation
XR1009 EXAR-XR1009 Datasheet
637Kb / 16P
   0.2mA, 35MHz Rail-to-Rail Amplifiers
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
   0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com