Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4101IC8TR3 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KM4101IC8TR3
Description  Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4101IC8TR3 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KM4101IC8TR3 Datasheet HTML 3Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 9Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 10Page - Fairchild Semiconductor KM4101IC8TR3 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICES TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT
RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT
OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein:
1.
Life support devices or systems are devices or systems which, (a) are intended for
surgical implant into the body, or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant injury of the user.
2.
A critical component in any component of a life support device or system whose
failure to perform can be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
© 2001 Fairchild Semiconductor Corporation
Ordering Information
Model
Part Number
Package
Container
Pack Qty
KM4100
KM4100IC8
SOIC-8
Rail
95
KM4100IC8TR3
SOIC-8
Reel
2500
KM4100IT5
SOT23-5 Partial Reel
<3000
KM4100IT5TR3
SOT23-5
Reel
3000
KM4101
KM4101IC8
SOIC-8
Rail
95
KM4101IC8TR3
SOIC-8
Reel
2500
KM4101IT6
SOT23-6 Partial Reel
<3000
KM4101IT6TR3
SOT23-6
Reel
3000
Temperature range for all parts: -40°C to +85°C
KM4100/KM4101
DATA SHEET


Similar Part No. - KM4101IC8TR3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5 FAIRCHILD-KM4110IT5 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5TR3 FAIRCHILD-KM4110IT5TR3 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results

Similar Description - KM4101IC8TR3

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com