Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ1210AH900L2T Datasheet(PDF) 2 Page - TDK Electronics

Part # MCZ1210AH900L2T
Description  Common Mode Filters For high-speed differential signal line
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MCZ1210AH900L2T Datasheet(HTML) 2 Page - TDK Electronics

  MCZ1210AH900L2T Datasheet HTML 1Page - TDK Electronics MCZ1210AH900L2T Datasheet HTML 2Page - TDK Electronics MCZ1210AH900L2T Datasheet HTML 3Page - TDK Electronics MCZ1210AH900L2T Datasheet HTML 4Page - TDK Electronics MCZ1210AH900L2T Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• All specifications are subject to change without notice.
(1/4)
001-03 / 20120906 / e9712_mcz_ah
Common Mode Filters
For High-speed Differential Signal Line
(USB2.0, LVDS, etc.)
MCZ Series MCZ1210AH
FEATURES
• Compact sized multilayer common mode filter.
• By providing wide bandwidth for differential mode, this product
has almost no effect for high-speed differential signals and can
suppress the radiated emission.
APPLICATIONS
• High speed interface(LVDS and USB2.0) in electronics devices.
• Digital cellular phones, PCs, DSCs, portable game machines,
etc.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Product identification number
(4) Impedance[at 100MHz]
360: 36
(5) Number of line
L2: 2-line
(6) Packaging style
T: Taping
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
SHAPES AND DIMENSIONS/
RECOMMENDED PC BOARD PATTERNS
CIRCUIT DIAGRAMS
TEMPERATURE RANGE
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components. The preheat-
ing temperature should be set so that the temperature difference
between the solder temperature and product temperature does
not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
• This product does not apply to flow soldering construction
method.
Conformity to RoHS Directive
MCZ
1210
AH
360
L2
T
(1)
(2)
(3)
(4)
(5)
(6)
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
Operating
–40 to +85°C
Storage(After mount)
–40 to +85°C
Packaging style
Quantity
Taping
4000 pieces/reel
1.0
±0.15
0.55
±0.1
0.3
±0.1
Weight: 3mg
Dimensions in mm
43
12
0.25
0.3
43
12
・No polarity
43
12
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - MCZ1210AH900L2T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MCZ1210AH TDK-MCZ1210AH Datasheet
56Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
MCZ1210AH360T TDK-MCZ1210AH360T Datasheet
56Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
More results

Similar Description - MCZ1210AH900L2T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
ACM2012 TDK-ACM2012_11 Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2012-900-2P-T TDK-ACM2012-900-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM2012E-102-2P-T00 TDK-ACM2012E-102-2P-T00 Datasheet
188Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-800-2P-T001 TDK-ACM3225-800-2P-T001 Datasheet
90Kb / 4P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2520-102-2P-T002 TDK-ACM2520-102-2P-T002_16 Datasheet
125Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
TCM2010 TDK-TCM2010_07 Datasheet
37Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
MCZ1210AH360T TDK-MCZ1210AH360T Datasheet
56Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM0806G TDK-TCM0806G Datasheet
52Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com