Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF3233S Datasheet(PDF) 2 Page - TDK Electronics

Part # TF3233S
Description  Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TF3233S Datasheet(HTML) 2 Page - TDK Electronics

  TF3233S Datasheet HTML 1Page - TDK Electronics TF3233S Datasheet HTML 2Page - TDK Electronics TF3233S Datasheet HTML 3Page - TDK Electronics TF3233S Datasheet HTML 4Page - TDK Electronics TF3233S Datasheet HTML 5Page - TDK Electronics TF3233S Datasheet HTML 6Page - TDK Electronics TF3233S Datasheet HTML 7Page - TDK Electronics TF3233S Datasheet HTML 8Page - TDK Electronics TF3233S Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
• All specifications are subject to change without notice.
(2/27)
002-03 / 20030628 / e93_tf.fm
EMC Components
TF Series
Common Mode Choke Coils(Line Filters) for AC Power Supply
Toroidal Core Type
SELECTION CHART
Handling power=(Inductance value)×(Current)2. It is possible to design within the range below this value.
[Example] The coil for 2A can make even the inductance of 2.5mH or less a product for handling power 10.
THE LINE-UP OF TDK LINE FILTER
Series Configuration
Type
Inductance value
min.
Rated current
(A)
Handling power
L
×I2(mH×A2)
Weight
(g)typ.
Minimum package quantity
(pieces/box)
TF
Vertical types(Toroidal core)
(For high frequency)
TF1707VU
20, 100µH
2 to 3
0.9
2.5
2000
TF1709VU
20, 100µH
2 to 3
0.9
3.2
3000
TF2326VU-H
30, 50µH
4 to 5
0.75
19.7
800
TF3435VU-H
30 to 60µH
8 to 15
6.75
35.8
400
For three phase
lines(Toroidal core)
TF6030T
1 to 7.5mH
5 to 14
160
150
70
TF6035T
0.2 to 1.6mH
15 to 30
400
160
70
TF3524TU
1 to 5mH
3 to 5
50
40
200
TF4333TU
0.5 to 5mH
5 to 15
112.5
95.1
120
TF5228TU
1 to 5mH
5 to 10
200
109.7
90
TF6332TU
0.5 to 2mH
15 to 25
312.5
212.1
75
TF6340TU
1 to 3mH
10 to 25
625
258.4
75
· Classification by application
Rated current
(A)
Inductance(mH)
0.1 to 1
1 to 2
2 to 5
5 to 10
10 to 20
20 to 40
40min.
Displays for TV set and computer
Air conditioners(Outdoor machine), microwave ovens
Industrial devices, control devices, etc.
1.5
2.0
3.0
5.0
10.0
15.0
20.0
25.0
30.0
TF2528
TF3233
TF2528
TF6035T(Three phase lines)
TF3233
TF6035T(Three phase lines)
TF4930
TF3233
TF2528
TF6035T(Three phase lines)
TF4930
TF6035T(Three phase lines)
TF6337
TF3233
TF2528
TF6035T(Three phase lines)
TF4930
TF6337
TF6035T(Three phase lines)
TF4930
TF6337


Similar Part No. - TF3233S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF32324 TUOFENG-TF32324 Datasheet
3Mb / 7P
   NP Channel Enhancement Mode Power MOSFET
Dec,2020 V1.0
More results

Similar Description - TF3233S

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF2316 TDK-HF2316 Datasheet
329Kb / 11P
   Common Mode Choke Coils Line Filters For power line, Closed magnetic circuit core type
logo
Taiyo Yuden (U.S.A.), I...
TLF24HB6821R2K1 TAIYO-YUDEN-TLF24HB6821R2K1 Datasheet
141Kb / 1P
   Leaded Common Mode Choke Coils for AC line
logo
Murata Manufacturing Co...
PLA10AS2230R4D2B MURATA-PLA10AS2230R4D2B Datasheet
89Kb / 3P
   AC Line Filters Common Mode Choke Coil
PLA10AN3030R4R2B MURATA-PLA10AN3030R4R2B Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil
logo
Abracon Corporation
ALFT-03A ABRACON-ALFT-03A Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
logo
Murata Manufacturing Co...
PLY10AN3521R0D2B MURATA-PLY10AN3521R0D2B Datasheet
94Kb / 3P
   AC Line Filters Hybrid Choke Coils
logo
Sumida Corporation
NFC1520 SUMIDA-NFC1520 Datasheet
296Kb / 1P
   AC Common Mode Choke Coils
logo
TDK Electronics
TCM1210 TDK-TCM1210 Datasheet
49Kb / 2P
   Common Mode Choke Coils for Signal Line
TF0804B-08P-01 TDK-TF0804B-08P-01 Datasheet
347Kb / 7P
   Common Mode Choke Coils(Line Filters) for Signal Line UF and TF Series
logo
Murata Manufacturing Co...
PLA10AN1522R0R2M MURATA-PLA10AN1522R0R2M Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil PLA10 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com