Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4101 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # KM4101
Description  Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4101 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button KM4101 Datasheet HTML 3Page - Fairchild Semiconductor KM4101 Datasheet HTML 4Page - Fairchild Semiconductor KM4101 Datasheet HTML 5Page - Fairchild Semiconductor KM4101 Datasheet HTML 6Page - Fairchild Semiconductor KM4101 Datasheet HTML 7Page - Fairchild Semiconductor KM4101 Datasheet HTML 8Page - Fairchild Semiconductor KM4101 Datasheet HTML 9Page - Fairchild Semiconductor KM4101 Datasheet HTML 10Page - Fairchild Semiconductor KM4101 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DATA SHEET
KM4100/KM4101
10
REV. 1A February 2001
b
e
e1
D
CL
E
CL
CL
A
A2
A1
α
E1
C
2
CL
NOTE:
1. All dimensions are in millimeters.
2 Foot length measured reference to flat
foot surface parallel to DATUM ’A’ and lead surface.
3. Package outline exclusive of mold flash & metal burr.
4. Package outline inclusive of solder plating.
5. Comply to EIAJ SC74A.
6. Package ST 0003 REV A supercedes SOT-D-2005 REV C.
SYMBOL
MIN
MAX
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b
0.25
0.50
C
0.09
0.20
D
2.80
3.10
E
2.60
3.00
E1
1.50
1.75
L
0.35
0.55
e
0.95 ref
e1
1.90 ref
α
010
b
e
e1
D
CL
E
CL
CL
A
A2
A1
α
E1
C
2
CL
NOTE:
1. All dimensions are in millimeters.
2 Foot length measured reference to flat
foot surface parallel to DATUM ’A’ and lead surface.
3. Package outline exclusive of mold flash & metal burr.
4. Package outline inclusive of solder plating.
5. Comply to EIAJ SC74A.
6. Package ST 0004 REV A supercedes SOT-D-2006 REV C.
SYMBOL
MIN
MAX
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b
0.25
0.50
C
0.09
0.20
D
2.80
3.10
E
2.60
3.00
E1
1.50
1.75
L
0.35
0.55
e
0.95 ref
e1
1.90 ref
α
010
SOT23-5
SOT23-6
H
E
CL
ZD
CL
e
D
Pin No. 1
B
A
A1
A2
L
DETAIL-A
DETAIL-A
C
h x 45¡
α
NOTE:
1. All dimensions are in millimeters.
2. Lead coplanarity should be 0 to 0.10mm (.004") max.
3. Package surface finishing:
(2.1) Top: matte (charmilles #18~30).
(2.2) All sides: matte (charmilles #18~30).
(2.3) Bottom: smooth or matte (charmilles #18~30).
4. All dimensions excluding mold flashes and end flash
from the package body shall not exceed o.152mm (.006)
per side(d).
SYMBOL
MIN
MAX
A1
0.10
0.25
B
0.36
0.46
C
0.19
0.25
D
4.80
4.98
E
3.81
3.99
e
1.27 BSC
H
5.80
6.20
h
0.25
0.50
L
0.41
1.27
A
1.52
1.72
0
ZD
0.53 ref
A2
1.37
1.57
8
SOIC-8
SOIC
KM4100/KM4101 Package Dimensions


Similar Part No. - KM4101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5 FAIRCHILD-KM4110IT5 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5TR3 FAIRCHILD-KM4110IT5TR3 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results

Similar Description - KM4101

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com