Electronic Components Datasheet Search |
|
HF3545-153Y2R2-T01 Datasheet(PDF) 6 Page - TDK Electronics |
|
HF3545-153Y2R2-T01 Datasheet(HTML) 6 Page - TDK Electronics |
6 / 11 page (5/10) 001-02 / 20101125 / e93_hf.fm • All specifications are subject to change without notice. HF2024(SQUARE SHAPED CLOSED MAGNETIC CIRCUIT CORE) TYPE SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM TYPICAL ELECTRICAL CHARACTERISTICS IMPEDANCE vs. FREQUENCY CHARACTERISTICS ELECTRICAL CHARACTERISTICS • Measuring equipment of inductance value: LCR meter(HP4261A, HP4263B or equivalent)[f=1kHz] PACKAGING QUANTITIES RATINGS ∗1 Pb free solder(Sn-3Ag-0.5Cu) ∗2 However, this product is not recognized by each regulations. 22.5max. 18max. 13 ±0.5 ø0.8 L1 L2 1 2 4 3 Weight: 10g typ. Recommended hole diameter: ø1.3 Dimensions in mm 0.01 0.1 1 10 100 0.01 0.1 1 10 100 Frequency(MHz) 123Y 622Y 242Y 601Y Part No. Inductance (mH)min. DC resistance ( Ω)max. Rated current Iac (A)max. HF2024-333Y0R3-201 33 3.1 0.3 HF2024-253Y0R4-T01 25 2 0.4 HF2024-183Y0R5-201 18 1.45 0.5 HF2024-123Y0R6-201 12 1.3 0.6 HF2024-123Y0R8-T01 12 0.92 0.8 HF2024-103Y0R7-T01 10 0.9 0.7 HF2024-682Y0R8-201 6.8 0.66 0.8 HF2024-622Y1R0-T01 6.2 0.5 1 HF2024-352Y1R3-T01 3.5 0.27 1.3 HF2024-242Y1R7-T01 2.4 0.18 1.7 HF2024-102Y2R0-T01 1 0.2 2 HF2024-601Y3R0-T01 0.6 0.06 3 HF2024 800pieces/box Item Standard value Conditions Rated voltage(V) 80 to 250 50Hz/60Hz Dielectric withstanding voltage(V) 2000 Between each winding for 1 minute Insulation resistance (M Ω) 100min. Between each winding for DC.500V Temperature rise(°C) 50max. With line resistance Operating temperature range(°C) –20 to +120 Including self-temperature rise Storage temperature range(°C) –20 to +85 Resistance to soldering tenperature∗1 260±5°C, 10±1sec Solder bath method 350±5°C, 5sec max. Soldering iron method Applicable safety standard∗2 Electrical Appliance and Material Safety Law ("DENAN") |
Similar Part No. - HF3545-153Y2R2-T01 |
|
Similar Description - HF3545-153Y2R2-T01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |