Electronic Components Datasheet Search |
|
S101C52S203NGE Datasheet(PDF) 5 Page - C&K Components |
|
S101C52S203NGE Datasheet(HTML) 5 Page - C&K Components |
5 / 5 page I–32 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ck-components.com I NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. S Series Slide Switches TOP PLATE MARKINGS CONTACT MATERIAL SEAL AVAILABLE HARDWARE EPOXY .075 MAX. (1,91) E EPOXY SEAL NONE NO SEAL N RED RECTANGLE ON ONE END M ON-OFF L ON D ON-OFF NONE NO MARKINGS 1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate. 2 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options). 3 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate over silver plate. NOTE: Top plate markings are available with ‘S2’ mounting style only. The marking color on all top plates with marking options ‘D, L and M’ is white, standard. (except white top plates: marking color is black, standard). The marking color on all top plates with ‘N’ marking option is red, standard. Other marking colors are available, consult Customer Service Center. Note: Orientation of actuator markings and terminals. All models with all options when ordered with ‘G’ or ‘Q’ contact material. NOTE: ‘G’ contact material is equivalent to both ‘B’ and ‘Q’ contact materials. Cap, C2; C3 actuators PART NO. 121160100 WHITE 121160200 BLACK 121160300 RED Material: 6/6 Nylon Finish: Matte Cap, 03 actuator PART NO. 121000101 WHITE 121000102 BLACK 121000103 RED Material: 6/6 Nylon Finish: Gloss NOTE: Other cap colors available, consult Customer Service Center. * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. S1XX, S2XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). S6XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). S7XX, S8XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 15 AMPS @ 125 V AC; 6 AMPS @ 250 V AC (UL/CSA). 0.4 VA MAX. @20 V AC OR DC max. S1XX, S2XX MODELS: 6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). S6XX MODELS: 12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). S7XX, S8XX MODELS: 15 AMPS @ 125 V AC; 6 AMPS @ 250 V AC (UL/CSA). LOW LEVEL/DRY CIRCUIT OR POWER POWER LOW LEVEL/DRY CIRCUIT GOLD OVER SILVER 3 GOLD 1 SILVER 2 OPTION CODE RATINGS CONTACT MATERIAL Q B G |
Similar Part No. - S101C52S203NGE |
|
Similar Description - S101C52S203NGE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |