Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4270IM8TR3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KM4270IM8TR3
Description  Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4270IM8TR3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KM4270IM8TR3 Datasheet HTML 1Page - Fairchild Semiconductor KM4270IM8TR3 Datasheet HTML 2Page - Fairchild Semiconductor KM4270IM8TR3 Datasheet HTML 3Page - Fairchild Semiconductor KM4270IM8TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4270IM8TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4270IM8TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4270IM8TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4270IM8TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4270IM8TR3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DATA SHEET
KM4170, KM4270, KM4470
4
REV. 5 December 2002
Electrical Specifications
(Vs = +5V, G = 2, RL = 10kΩ to Vs/2, Rf = 5kΩ; unless otherwise noted)
Parameter
Conditions
Min.
Typ.
Max.
Unit
AC Performance
-3dB Bandwidth1
G = +1, Vo = 0.02Vpp
4.3
MHz
G = +2, Vo = 0.2Vpp
3.0
MHz
Full Power Bandwidth
G = +2, Vo = 2Vpp
2.3
MHz
Gain Bandwidth Product
2.0
MHz
Rise and Fall Time
1V step
110
ns
Overshoot
1V step
<1
%
Slew Rate
1V step
9
V/
µs
2nd Harmonic Distortion
1Vpp, 10kHz
-73
dBc
3rd Harmonic Distortion
1Vpp, 10kHz
-75
dBc
THD
1Vpp, 10kHz
0.03
%
Input Voltage Noise
>10kHz
22
nV/
√Hz
DC Performance
Input Offset Voltage2
-8
1.5
+8
mV
Average Drift
15
µV/°C
Input Bias Current2
90
450
nA
Average Drift
40
pA/°C
Power Supply Rejection Ratio2
DC
40
60
dB
Open Loop Gain
RL = 10kΩ
80
dB
Quiescent Current Per Channel2
160
235
µA
Input Characteristics
Input Resistance
12
M
Input Capacitance
2
pF
Input Common Mode Voltage Range
-0.25 to 5.25
V
Common Mode Rejection Ratio2
DC, Vcm = 0V to Vs
58
85
dB
Output Characteristics
Output Voltage Swing2
RL = 10kΩ to Vs/2
0.08 to 4.92 0.04 to 4.96
V
RL = 1kΩ to Vs/2
0.07 to 4.9
V
RL = 200Ω to Vs/2
0.14 to 4.67
V
Output Current
±30
mA
Power Supply Operating Range
2.5
2.7
5.5
V
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Notes:
1. For G = +1, Rf = 0.
2. For RL = 10kΩ, KM4170 is 100% tested at 25°C.
Package Thermal Resistance
Package
θ
JA
5 lead SOT23
256°C/W
5 lead SC70
331.4°C/W
8 lead SOIC
152°C/W
8 lead MSOP
206°C/W
14 lead TSSOP
100°C/W


Similar Part No. - KM4270IM8TR3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4270IM8TR3 FAIRCHILD-KM4270IM8TR3 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
More results

Similar Description - KM4270IM8TR3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com