Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF6332TU Datasheet(PDF) 1 Page - TDK Electronics

Part # TF6332TU
Description  Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TF6332TU Datasheet(HTML) 1 Page - TDK Electronics

  TF6332TU Datasheet HTML 1Page - TDK Electronics TF6332TU Datasheet HTML 2Page - TDK Electronics TF6332TU Datasheet HTML 3Page - TDK Electronics TF6332TU Datasheet HTML 4Page - TDK Electronics TF6332TU Datasheet HTML 5Page - TDK Electronics TF6332TU Datasheet HTML 6Page - TDK Electronics TF6332TU Datasheet HTML 7Page - TDK Electronics TF6332TU Datasheet HTML 8Page - TDK Electronics TF6332TU Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
• All specifications are subject to change without notice.
(1/27)
002-03 / 20030628 / e93_tf.fm
EMC Components
TF Series
Common Mode Choke Coils(Line Filters) for AC Power Supply
Toroidal Core Type
TDK common mode choke coils(line filters) are used in a wide
range of prevention of electromagnetic interference(EMI) and radio
frequency interference(RFI) from power supply lines and for pre-
vention of multifunctioning of products such as measuring equip-
ment and system equipment.
RATINGS
Except particular items.
• Measuring equipment of inductance value:
LCR meter(HP4261A, HP4263B or equivalent)
FEATURES
• Wide range of selection.
• High impedance at applicable frequency.
• High self-resonant frequency.
PRODUCT IDENTIFICATION
(1)Core shape
UF: U-type core
TF: Toroidal core
HF: Square shaped closed magnetic circuit core type
Double-square shaped closed magnetic circuit core type
(2)Dimensional code(Length
×Height)
(3)External shape code
(4)TDK’s internal code
(5)Inductance value
Example) 602: 60µH
×102=6mH
(6)Rated current value
Example) 2R5: 2.5A
(7)Product management number
SELECTION CHART
Item
Standard value
Conditions
Rated voltage Eac(V)
80 to 280
Dielectric withstanding
voltage Eac(V)
2000
Between each winding for
1 minute
Insulation resistance
Edc(M
)
100min.
Between each winding for
1 minute, Edc 500V
Temperature rise(°C)
45max.
With line resistance, each
line
Operating temperature
range(°C)
–20 to +120
Including self-temperature
rise
Safety standard
Japan Electric/Electronic Products Control Law,
UL, CSA and IEC conforted(The safety standard
is not acquired with the unit only.)
UF
V
Y
R
– 01
(1)
(2)
(3) (4)
(5)
(6)
(7)
Series Configuration
Type
Inductance value
min.
Rated current
(A)
Handling power
L
×I2(mH×A2)
Weight
(g)typ.
Minimum package quantity
(pieces/box)
TF
Horizontal types
(Toroidal core)
TF1028S
0.45 to 2.2mH
0.5 to 3
2.5
8
900
TF4825S
1, 2mH
10 to 15
200
95
120
TF6029S
1mH
20 to 30
400
205
70
TF2320HU
1 to 5mH
2 to 5
25
18
300
TF2514HU
0.1mH
5 to 7
4.9
18
300
TF2519HU
1 to 5mH
2 to 5
25
16
300
TF3424HU
0.3 to 8mH
4 to 20
120
42
250
TF4930HU
1 to 10mH
6 to 20
400
87
120
TF1815HU
3 to 10mH
0.3 to 2
12
6
600
TF4131HU
0.7 to 3mH
10 to 18
226.8
76
150
TF6136HU
1, 2mH
15 to 30
900
172
75
Vertical types
(Toroidal core)
TF1320S
1 to 4mH
1.5 to 3
9
6.5
1000
TF2528S
0.45 to 7mH
2.5 to 10
50
19.5
840
TF3233S
0.25 to 10mH
3 to 20
130
41
320
TF1713VU
1, 2mH
1 to 3
8
4
2000
TF1714VU
1 to 15mH
1 to 3
9
6
2000
TF2420VU
1 to 8mH
2 to 6
36
18
800
TF2514VU
0.13 to 12mH
2 to 7
6.4
8
800
TF3423VU
0.5 to 10mH
4 to 20
200
45
400
TF4725VU
2 to 10mH
6 to 15
225
85
90
TF1821VU
2 to 10mH
0.3 to 2
8
7
800
TF2326VU
1 to 3mH
2 to 6
36
19
800
TF2527VU
1 to 3mH
2 to 6
36
20
800
TF3435VU
0.3 to 10mH
4 to 20
120
40
400
With nano crystallization
alloy magnetically soft
material(Toroidal core)
TF2326VU-M
3 to 10mH
3 to 6
170
20
800
TF3435VU-M
8 to 33mH
4 to 10
800
38
400
TF4930HU-M
6 to 40mH
6 to 15
1350
99.8
120
TF6337HU-M
4 to 10mH
15 to 30
3600
204.9
75
Multi-section case types
(For high frequency)
TF3329B
8.5 to 15mH
2.5 to 3.5
100
40.5
375


Similar Part No. - TF6332TU

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TF600 SCHURTER-TF600 Datasheet
1Mb / 4P
   Surface Mount Fuse, 10.1 x 3.22 mm, Time-Lag T, Telecom
TF600 SCHURTER-TF600 Datasheet
1Mb / 4P
   Surface Mount Fuse, 10.1 x 3.22 mm, Time-Lag T, Telecom
21.11.2013
TF600 SCHURTER-TF600_V01 Datasheet
1Mb / 4P
   Surface Mount Fuse, 10.1 x 3.22 mm, Time-Lag T, Telecom
21.11.2013
logo
TAITRON Components Inco...
TF601 TAITRON-TF601 Datasheet
141Kb / 3P
   6 Amp Fast Recovery Rectifier
TF601L TAITRON-TF601L Datasheet
132Kb / 4P
   6.0A Fast Recovery Rectifier
More results

Similar Description - TF6332TU

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF2316 TDK-HF2316 Datasheet
329Kb / 11P
   Common Mode Choke Coils Line Filters For power line, Closed magnetic circuit core type
logo
Taiyo Yuden (U.S.A.), I...
TLF24HB6821R2K1 TAIYO-YUDEN-TLF24HB6821R2K1 Datasheet
141Kb / 1P
   Leaded Common Mode Choke Coils for AC line
logo
Murata Manufacturing Co...
PLA10AS2230R4D2B MURATA-PLA10AS2230R4D2B Datasheet
89Kb / 3P
   AC Line Filters Common Mode Choke Coil
PLA10AN3030R4R2B MURATA-PLA10AN3030R4R2B Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil
logo
Abracon Corporation
ALFT-03A ABRACON-ALFT-03A Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
logo
Murata Manufacturing Co...
PLY10AN3521R0D2B MURATA-PLY10AN3521R0D2B Datasheet
94Kb / 3P
   AC Line Filters Hybrid Choke Coils
logo
Sumida Corporation
NFC1520 SUMIDA-NFC1520 Datasheet
296Kb / 1P
   AC Common Mode Choke Coils
logo
TDK Electronics
TCM1210 TDK-TCM1210 Datasheet
49Kb / 2P
   Common Mode Choke Coils for Signal Line
TF0804B-08P-01 TDK-TF0804B-08P-01 Datasheet
347Kb / 7P
   Common Mode Choke Coils(Line Filters) for Signal Line UF and TF Series
logo
Murata Manufacturing Co...
PLA10AN1522R0R2M MURATA-PLA10AN1522R0R2M Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil PLA10 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com