Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4470IP14TR3 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # KM4470IP14TR3
Description  Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4470IP14TR3 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button KM4470IP14TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4470IP14TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4470IP14TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4470IP14TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4470IP14TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4470IP14TR3 Datasheet HTML 9Page - Fairchild Semiconductor KM4470IP14TR3 Datasheet HTML 10Page - Fairchild Semiconductor KM4470IP14TR3 Datasheet HTML 11Page - Fairchild Semiconductor KM4470IP14TR3 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DATA SHEET
KM4170, KM4270, KM4470
8
REV. 5 December 2002
Layout Considerations
General layout and supply bypassing play major roles in high
frequency performance. Fairchild has evaluation boards to
use as a guide for high frequency layout and as aid in device
testing and characterization. Follow the steps below as a
basis for high frequency layout:
• Include 6.8
µF and 0.01µF ceramic capacitors
• Place the 6.8
µF capacitor within 0.75 inches of
the power pin
• Place the 0.01
µF capacitor within 0.1 inches of
the power pin
• Remove the ground plane under and around the
part, especially near the input and output pins to
reduce parasitic capacitance
• Minimize all trace lengths to reduce series
inductances
Refer to the evaluation board layouts shown in Figure 6 for
more information.
When evaluating only one channel, complete the
following on the unused channel:
1. Ground the non-inverting input
2. Short the output to the inverting input
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of this device:
Evaluation board schematics are shown in Figures 5a, 5b, 5c
and layouts are shown in Figure 6a through Figure 6l.
Figure 5a: KM4170 Evaluation Board Schematic
Eval Bd
Description
Products
KEB002
Single Channel, Dual Supply,
KM4170IT5
5 and 6 lead SOT23
KEB011
Single Channel, Dual Supply,
KM4170IS5
5 and 6 lead SC70
KEB006
Dual Channel, Dual Supply,
KM4270IC8
8 lead SOIC
KEB010
Dual Channel, Dual Supply,
KM4270IM8
8 lead MSOP
KEB012
Quad Channel, Dual Supply,
KM4470IP14
14 lead TSSOP
Figure 5b: KM4270 Evaluation Board Schematic


Similar Part No. - KM4470IP14TR3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM44C1000D SAMSUNG-KM44C1000D Datasheet
372Kb / 21P
   1M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C16000B SAMSUNG-KM44C16000B Datasheet
341Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM44C16100B SAMSUNG-KM44C16100B Datasheet
341Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM44C256A SAMSUNG-KM44C256A Datasheet
581Kb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256A-10 SAMSUNG-KM44C256A-10 Datasheet
581Kb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - KM4470IP14TR3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com