Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-1462037-7 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 4-1462037-7
Description  IM-Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1462037-7 Datasheet(HTML) 4 Page - Tyco Electronics

  4-1462037-7 Datasheet HTML 1Page - Tyco Electronics 4-1462037-7 Datasheet HTML 2Page - Tyco Electronics 4-1462037-7 Datasheet HTML 3Page - Tyco Electronics 4-1462037-7 Datasheet HTML 4Page - Tyco Electronics 4-1462037-7 Datasheet HTML 5Page - Tyco Electronics 4-1462037-7 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
±
±
±
±
±
±
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
ANGLES
WEIGHT
APPLICATION SPEC
PRODUCT SPEC
OF
MATERIAL
FINISH
DWN
CHK
APVD
NAME
SIZE
CAGE CODE DRAWING NO
SCALE
SHEET
REV
LOC
DIST
REVISIONS
P
LTR
DATE
DWN
APVD
DESCRIPTION
TE 10MAR2011 ProE
A4
RESTRICTED TO
SHOULD BE CONTACTED FOR THE LATEST REVISION.
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
DRAWING ALIAS
TE Connectivity
HJ
-
IM0C-DOK17
21FEB2003
HD 9121
-
-
mm
21FEB2003
HD 9121
21FEB2003
DIN 7168-m
HD 9121
-
-
-
IM-Relay
-
-
Marking
-
-
-
00779
1462037-1
-
-
CUSTOMER DRAWING
10:1
4
6
B12
Relay-Typ
Mark 1)
Mark 2)
PN (GR)
PN (JR)
PN (TS)
PN (KS/NS)
IM43..
43
5
5-1462037-9
6-1462037-0
5-1462037-8
IM43C..
43C
5
9-1462038-7
IM43NS
43N
5
2-1462038-1
IM43P
43P
5
7-1462039-3
IM44..
44
6
6-1462037-2
6-1462037-3
6-1462037-1
IM44NS
44N
6
2-1462038-2
IM45..
45
9
6-1462037-4
6-1462037-5
3-1462037-2
IM45NS
45
9
2-1462038-3
IM46..
46
12
6-1462037-7
6-1462037-8
6-1462037-6
IM46..L
46
12
5-1462039-2
IM46C..
46C
12
8-1462039-0
IM46NS
46N
12
2-1462038-4
IM46NSL
46N
12
5-1462039-0
IM46PNS
46P
12
6-1462039-4
IM47..
47
24
7-1462037-0
7-1462037-1
6-1462037-9
IM47D..
47D
24
7-1462039-5
IM47NS
47N
24
2-1462038-5
IM48..
48
2.4
1462039-8
IM48D..
48D
2.4
1462039-9
IM48I..
48I
2.4
1462047-1
IM49D..
49D
2
2-1462039-2
IM51D..
51D
3
1-1462039-4
1-1462039-3
IM61..
61
3
7-1462039-7
See sheet 1


Similar Part No. - 4-1462037-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1462037-7 MACOM-4-1462037-7 Datasheet
2Mb / 6P
   IM Relay
More results

Similar Description - 4-1462037-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1462037-7 MACOM-5-1462037-7 Datasheet
2Mb / 6P
   IM Relay
logo
TE Connectivity Ltd
ENG_CD_1462037-1_C2 TEC-ENG_CD_1462037-1_C2 Datasheet
432Kb / 6P
   IM-Relay Marking
logo
Tyco Electronics
1486937 MACOM-1486937 Datasheet
23Kb / 1P
   IM Relay SMT Gull Wings Dimension
logo
PIC GmbH
MS-328-5 PIC-MS-328-5_14 Datasheet
233Kb / 2P
   Netzspannungs-Reedsensor im
MS-332-6 PIC-MS-332-6_14 Datasheet
344Kb / 2P
   Leistungs-Reedsensor im
MS-332-5 PIC-MS-332-5_14 Datasheet
343Kb / 2P
   Netzspannungs-Reedsensor im
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
PIC GmbH
MS-313-3 PIC-MS-313-3 Datasheet
158Kb / 2P
   Weltkleinster Reedsensor im
MS-328-3 PIC-MS-328-3_14 Datasheet
233Kb / 2P
   Standard-Reedsensor im
MS-328-6 PIC-MS-328-6_14 Datasheet
233Kb / 2P
   Leistungs-Reedsensor im
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com