Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF6136HU-102Y30R0-01 Datasheet(PDF) 4 Page - TDK Electronics

Part # TF6136HU-102Y30R0-01
Description  Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TF6136HU-102Y30R0-01 Datasheet(HTML) 4 Page - TDK Electronics

  TF6136HU-102Y30R0-01 Datasheet HTML 1Page - TDK Electronics TF6136HU-102Y30R0-01 Datasheet HTML 2Page - TDK Electronics TF6136HU-102Y30R0-01 Datasheet HTML 3Page - TDK Electronics TF6136HU-102Y30R0-01 Datasheet HTML 4Page - TDK Electronics TF6136HU-102Y30R0-01 Datasheet HTML 5Page - TDK Electronics TF6136HU-102Y30R0-01 Datasheet HTML 6Page - TDK Electronics TF6136HU-102Y30R0-01 Datasheet HTML 7Page - TDK Electronics TF6136HU-102Y30R0-01 Datasheet HTML 8Page - TDK Electronics TF6136HU-102Y30R0-01 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
• All specifications are subject to change without notice.
(4/27)
002-03 / 20030628 / e93_tf.fm
EMC Components
TF Series
Common Mode Choke Coils(Line Filters) for AC Power Supply
Toroidal Core Type
TF4825S(HORIZONTAL TYPE WITH TERMINAL BASE) TYPE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY
CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
TF6029S(HORIZONTAL TYPE WITH TERMINAL BASE) TYPE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY
CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
4
2
1
3
L1
L2
ø50max.
ød
1
3
2
4
(35)
ø4.5
Weight: 95g typ.
Recommended hole diameter: ød+0.4
Dimensions in mm
1
0.1
Frequency(MHz)
0.01
0.1
1
10
100
10
0.01
TF4825S-202Y10R0-01
TF4825S-102Y15R0-01
Part No.
Inductance
(mH)min.
L1-L2 inductance
difference
(µH)max.
DC
resistance
(m
)max.
Rated current
Iac
(A)max.
Dimensions(mm)
ødH max.
TF4825S-202Y10R0-01
2
50
20
10
1.3
28
TF4825S-102Y15R0-01
1
50
7.5
15
1.8
31
4
2
1
3
L1
L2
3
2
4
(50)
ø6
ø64max.
ød
1
Weight: 205g typ.
Recommended hole diameter: ød+0.5
Dimensions in mm
1
0.1
Frequency(MHz)
0.01
0.1
1
10
100
10
0.01
TF6029S-102Y30R0-02
TF6029S-102Y20R0-01
Part No.
Inductance
(mH)min.
L1-L2 inductance
difference
(µH)max.
DC
resistance
(m
)max.
Rated current
Iac
(A)max.
Dimensions(mm)
ødH max.
TF6029S-102Y20R0-01
1
50
5
20
2.3
36
TF6029S-102Y30R0-02
1
50
4
30
2.6
40


Similar Part No. - TF6136HU-102Y30R0-01

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TF6134N MORNSUN-TF6134N Datasheet
179Kb / 4P
   Isolated Transmitter
TF6134N MORNSUN-TF6134N Datasheet
306Kb / 5P
   Signal conditioning modules
More results

Similar Description - TF6136HU-102Y30R0-01

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF2316 TDK-HF2316 Datasheet
329Kb / 11P
   Common Mode Choke Coils Line Filters For power line, Closed magnetic circuit core type
logo
Taiyo Yuden (U.S.A.), I...
TLF24HB6821R2K1 TAIYO-YUDEN-TLF24HB6821R2K1 Datasheet
141Kb / 1P
   Leaded Common Mode Choke Coils for AC line
logo
Murata Manufacturing Co...
PLA10AS2230R4D2B MURATA-PLA10AS2230R4D2B Datasheet
89Kb / 3P
   AC Line Filters Common Mode Choke Coil
PLA10AN3030R4R2B MURATA-PLA10AN3030R4R2B Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil
logo
Abracon Corporation
ALFT-03A ABRACON-ALFT-03A Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
logo
Murata Manufacturing Co...
PLY10AN3521R0D2B MURATA-PLY10AN3521R0D2B Datasheet
94Kb / 3P
   AC Line Filters Hybrid Choke Coils
logo
Sumida Corporation
NFC1520 SUMIDA-NFC1520 Datasheet
296Kb / 1P
   AC Common Mode Choke Coils
logo
TDK Electronics
TCM1210 TDK-TCM1210 Datasheet
49Kb / 2P
   Common Mode Choke Coils for Signal Line
TF0804B-08P-01 TDK-TF0804B-08P-01 Datasheet
347Kb / 7P
   Common Mode Choke Coils(Line Filters) for Signal Line UF and TF Series
logo
Murata Manufacturing Co...
PLA10AN1522R0R2M MURATA-PLA10AN1522R0R2M Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil PLA10 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com