Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK1008DPP-E0-T2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK1008DPP-E0-T2
Description  N-Channel Power MOSFET High-Speed Switching Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1008DPP-E0-T2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK1008DPP-E0-T2 Datasheet HTML 1Page - Renesas Technology Corp RJK1008DPP-E0-T2 Datasheet HTML 2Page - Renesas Technology Corp RJK1008DPP-E0-T2 Datasheet HTML 3Page - Renesas Technology Corp RJK1008DPP-E0-T2 Datasheet HTML 4Page - Renesas Technology Corp RJK1008DPP-E0-T2 Datasheet HTML 5Page - Renesas Technology Corp RJK1008DPP-E0-T2 Datasheet HTML 6Page - Renesas Technology Corp RJK1008DPP-E0-T2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK1008DPP-E0
Preliminary
R07DS0798EJ0100 Rev.1.00
Page 4 of 6
Jun 08, 2012
20
16
12
8
4
−25
0
25
50
75
100 125 150
0
0.1
100
1000
10
100
1
0.1
110
Case Temperature Tc (
°C)
Drain to Source on State Resistance
vs. Temperature
Drain Current
ID (A)
Forward Transfer Admittance vs.
Drain Current
0.1
1
10
100
100
10
0.1
10
1
100
10000
1000
160
0
16
120
12
80
8
40
4
40
80
120
160
200
0
1000
10
100
0.1
1
10
100
100
10
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge Qg (nC)
Dynamic Input Characteristics
Drain Current ID (A)
Switching Characteristics
di / dt =
−100 A / μs
VGS = 0, Ta = 25°C
td(on)
td(off)
VGS = 10 V, VDD = 50 V
PW = 5
μs, duty ≤ 1 %
RG = 25 Ω
tr
tf
VGS = 10 V
Pulse Test
10 A
40 A
ID = 80 A
Tc =
−25°C
25
°C
75
°C
VDS = 10 V
Pulse Test
ID = 80 A
VDS
VGS
VDD = 80 V
50 V
25 V
VDD = 25 V
50 V
80 V


Similar Part No. - RJK1008DPP-E0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1008DPP-E0 RENESAS-RJK1008DPP-E0_15 Datasheet
90Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
More results

Similar Description - RJK1008DPP-E0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1008DPN RENESAS-RJK1008DPN_15 Datasheet
126Kb / 9P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1021DPN RENESAS-RJK1021DPN Datasheet
106Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPN RENESAS-RJK1008DPN Datasheet
107Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPE RENESAS-RJK1536DPE Datasheet
114Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPE RENESAS-RJK1536DPE_10 Datasheet
85Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPP RENESAS-RJK1008DPP Datasheet
107Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPN RENESAS-RJK1536DPN Datasheet
117Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPN RENESAS-RJK1536DPN_15 Datasheet
85Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPE RENESAS-RJK1008DPE_15 Datasheet
128Kb / 9P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPE RENESAS-RJK1008DPE Datasheet
104Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com