Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK1028DPA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK1028DPA
Description  100V, 4A, 165m max. N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1028DPA Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJK1028DPA Datasheet HTML 1Page - Renesas Technology Corp RJK1028DPA Datasheet HTML 2Page - Renesas Technology Corp RJK1028DPA Datasheet HTML 3Page - Renesas Technology Corp RJK1028DPA Datasheet HTML 4Page - Renesas Technology Corp RJK1028DPA Datasheet HTML 5Page - Renesas Technology Corp RJK1028DPA Datasheet HTML 6Page - Renesas Technology Corp RJK1028DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RJK1028DPA
Preliminary
R07DS0196EJ0400 Rev.4.00
Page 6 of 6
Apr 11, 2013
Package Dimensions
4.23Typ
0.21Typ
0.85Max
1.27Typ
1.27Typ
0.545Typ
5.1 ± 0.2
4.90 ± 0.1
0.42 ± 0.08
3.92 ± 0.22
PWSN0008DE-A
WPAK(3F)V
0.075g
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
(Sn plating)
Notice:The reverse pattern of die-pad
support lead described above exists.
Unit: mm
Package Name
WPAK(3F)
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJK1028DPA-00-J5A
3000 pcs
Taping
Note: The symbol of 2nd "-" is occasionally presented as "#".


Similar Part No. - RJK1028DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1028DPA RENESAS-RJK1028DPA Datasheet
113Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK1028DPA-00-J5A RENESAS-RJK1028DPA-00-J5A Datasheet
113Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK1028DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1028DNS RENESAS-RJK1028DNS_15 Datasheet
117Kb / 7P
   100V, 4A, 165m??max. Silicon N Channel Power MOS FET Power Switching
RJK1028DNS RENESAS-RJK1028DNS_13 Datasheet
117Kb / 7P
   100V, 4A, 165m max. Silicon N Channel Power MOS FET Power Switching
RJK1028DSP RENESAS-RJK1028DSP_13 Datasheet
111Kb / 7P
   100V, 3A, 165m max. Silicon N Channel Power MOS FET Power Switching
RJK1052DPB RENESAS-RJK1052DPB_13 Datasheet
106Kb / 7P
   100V, 20A, 20m max. Silicon N Channel Power MOS FET Power Switching
RJK1053DPB RENESAS-RJK1053DPB_13 Datasheet
107Kb / 7P
   100V, 25A, 13m max Silicon N Channel Power MOS FET Power Switching
RJK1055DPB RENESAS-RJK1055DPB Datasheet
155Kb / 7P
   100V, 23A, 17m max. Silicon N Channel Power MOS FET Power Switching
RJK1056DPB RENESAS-RJK1056DPB Datasheet
154Kb / 7P
   100V, 25A, 14m max. Silicon N Channel Power MOS FET Power Switching
RJK4532DPH-E0 RENESAS-RJK4532DPH-E0 Datasheet
99Kb / 7P
   450V - 4A - MOS FET High Speed Power Switching
RJK1054DPB RENESAS-RJK1054DPB_13 Datasheet
136Kb / 7P
   100V, 20A, 22m max Silicon N Channel Power MOS FET Power Switching
RJK1054DPB RENESAS-RJK1054DPB_15 Datasheet
136Kb / 7P
   100V, 20A, 22m??max. Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com