Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC556 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BC556
Description  PNP Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC556 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC556 Datasheet HTML 1Page - Fairchild Semiconductor BC556 Datasheet HTML 2Page - Fairchild Semiconductor BC556 Datasheet HTML 3Page - Fairchild Semiconductor BC556 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC556/557/558/559/560 Rev. B0
2
Typical Performance Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
Figure 6. Current Gain Bandwidth Product
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
I
B = -50A
I
B = -100A
I
B = -150A
I
B = -200A
I
B = -250A
I
B = -300A
I
B = -350A
I
B = -400A
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
1
10
100
1000
VCE = -5V
IC[mA], COLLECTOR CURRENT
-0.1
-1
-10
-100
-0.01
-0.1
-1
-10
IC = -10 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
VCE = -5V
VBE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
1
10
f=1MHz
IE = 0
VCB[V], COLLECTOR-BASE VOLTAGE
-1
-10
10
100
1000
VCE = -5V
IC[mA], COLLECTOR CURRENT


Similar Part No. - BC556

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
   FEATURES
logo
Motorola, Inc
BC556 MOTOROLA-BC556 Datasheet
220Kb / 6P
   Amplifier Transistors
logo
Fairchild Semiconductor
BC556 FAIRCHILD-BC556 Datasheet
43Kb / 4P
   Switching and Amplifier
logo
Unisonic Technologies
BC556 UTC-BC556 Datasheet
205Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Foshan Blue Rocket Elec...
BC556 FOSHAN-BC556 Datasheet
804Kb / 6P
   Silicon PNP transistor in a TO-92(R) Plastic Package
More results

Similar Description - BC556

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com