Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC559 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BC559
Description  PNP Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC559 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BC559 Datasheet HTML 1Page - Fairchild Semiconductor BC559 Datasheet HTML 2Page - Fairchild Semiconductor BC559 Datasheet HTML 3Page - Fairchild Semiconductor BC559 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC556/557/558/559/560 Rev. B0
1
October 2012
BC556/557/558/559/560
PNP Epitaxial Silicon Transistor
Features
• Switching and Amplifier
• High Voltage: BC556, VCEO = -65V
• Low Noise: BC559, BC560
Complement to BC546 ... BC 550
Absolute Maximum Ratings T
a = 25°C unless otherwise noted
Electrical Characteristics T
a = 25C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BC556
: BC557/560
: BC558/559
-80
-50
-30
V
V
V
VCEO
Collector-Emitter Voltage
: BC556
: BC557/560
: BC558/559
-65
-45
-30
V
V
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-100
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
C
TSTG
Storage Temperature
-65 ~ 150
C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB= -30V, IE=0
-15
nA
hFE
DC Current Gain
VCE= -5V, IC=2mA
110
800
VCE(sat) Collector-Emitter Saturation Volt-
age
IC= -10mA, IB= -0.5mA
IC= -100mA, IB= -5mA
-90
-250
-300
-650
mV
mV
VBE(sat) Collector-Base Saturation Voltage
IC= -10mA, IB= -0.5mA
IC= -100mA, IB= -5mA
-700
-900
mV
mV
VBE(on)
Base-Emitter On Voltage
VCE= -5V, IC= -2mA
VCE= -5V, IC= -10mA
-600
-660
-750
-800
mV
mV
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA,
f=10MHz
150
MHz
Cob
Output Capacitance
VCB= -10V, IE=0, f=1MHz
6
pF
NF
Noise Figure : BC556/557/558
: BC559/560
: BC559
: BC560
VCE= -5V, IC= -200A
f=1KHz, RG=2K
VCE= -5V, IC= -200A
RG=2Kf=30~15000MHz
2
1
1.2
1.2
10
4
4
2
dB
dB
dB
dB
Classification
A
B
C
hFE
110 ~ 220
200 ~ 450
420 ~ 800
1. Collector 2. Base 3. Emitter
TO-92
1


Similar Part No. - BC559

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
   Low Noise Transistors
logo
NXP Semiconductors
BC559 NXP-BC559 Datasheet
229Kb / 7P
   PNP general purpose transistor
2004 Nov 05
BC559 PHILIPS-BC559 Datasheet
44Kb / 8P
   PNP general purpose transistor
1999 May 28
logo
KEC(Korea Electronics)
BC559 KEC-BC559 Datasheet
34Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Semtech Corporation
BC559 SEMTECH-BC559 Datasheet
370Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
More results

Similar Description - BC559

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com