Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIC226C Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIC226C
Description  SILICON BIDIRECTIONAL TRIODE THYRISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC226C Datasheet(HTML) 2 Page - Comset Semiconductor

  TIC226C Datasheet HTML 1Page - Comset Semiconductor TIC226C Datasheet HTML 2Page - Comset Semiconductor TIC226C Datasheet HTML 3Page - Comset Semiconductor TIC226C Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIC226A, TIC226B, TIC226C, TIC226D, TIC226E, TIC226M,
TIC226N, TIC226S
30/10/2012
COMSET SEMICONDUCTORS
2 | 4
SEMICONDUCTORS
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
R∂JC
Junction to case thermal resistance
≤ 1.8
°C/W
R∂JA
Junction to free air thermal resistance
≤ 62.5
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ Max Unit
IDRM
Repetitive peak
off-state current
VD = Rated VDRM, , IG = 0
TC = 110°C
-
-
±2
mA
IGT
Gate trigger
current
Vsupply = +12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
2
50
mA
Vsupply = +12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
-12
-50
Vsupply = -12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
-9
-50
Vsupply = -12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
20
-
VGT
Gate trigger
voltage
Vsupply = +12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
0.7
2
V
Vsupply = +12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
-0.8
-2
Vsupply = -12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
-0.8
-2
Vsupply = -12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
0.9
2
IH
Holding current
Vsupply = +12 V†, IG = 0
initiating ITM = 100 mA
-
5
30
mA
Vsupply = -12 V†, IG = 0
initiating ITM = -100 mA
-
-9
-30
IL
Latching current
Vsupply = +12 V† (seeNote7)
-
-
50
mA
Vsupply = -12 V† (seeNote7)
-
-
-50
VTM
Peak on-state
voltage
ITM = ± 12 A, IG = 50 mA (see Note6)
-
±1.6
±2.1
V
dv/dt
Critical rate of
rise of off-state
voltage
VDRM = Rated VDRM, IG = 0
TC = 110°C
-
±100
-
V/µs
dv/dt©
Critical rise of
communication
voltage
VDRM = Rated VDRM, ITRM = ± 12A
TC = 85°C
±5
-
-
† All voltages are whit respect to Main Terminal 1.


Similar Part No. - TIC226C

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC226C COMSET-TIC226C Datasheet
212Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226C COMSET-TIC226C Datasheet
210Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
More results

Similar Description - TIC226C

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC225A COMSET-TIC225A Datasheet
211Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC206A COMSET-TIC206A_12 Datasheet
164Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC246B COMSET-TIC246B_12 Datasheet
164Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226A COMSET-TIC226A Datasheet
212Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC246B COMSET-TIC246B Datasheet
210Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC206A COMSET-TIC206A Datasheet
208Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC225A COMSET-TIC225A_12 Datasheet
164Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC216A COMSET-TIC216A Datasheet
209Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
Digitron Semiconductors
SC250 DIGITRON-SC250 Datasheet
331Kb / 4P
   BIDIRECTIONAL TRIODE THYRISTOR
logo
American Microsemicondu...
AM-SJST60 AMMSEMI-AM-SJST60 Datasheet
537Kb / 2P
   Bidirectional Triode Thyristor (TRIAC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com