Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK1056DPB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK1056DPB
Description  100V, 25A, 14m max. Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1056DPB Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJK1056DPB Datasheet HTML 1Page - Renesas Technology Corp RJK1056DPB Datasheet HTML 2Page - Renesas Technology Corp RJK1056DPB Datasheet HTML 3Page - Renesas Technology Corp RJK1056DPB Datasheet HTML 4Page - Renesas Technology Corp RJK1056DPB Datasheet HTML 5Page - Renesas Technology Corp RJK1056DPB Datasheet HTML 6Page - Renesas Technology Corp RJK1056DPB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RJK1056DPB
Preliminary
R07DS1059EJ0200 Rev.2.00
Page 6 of 6
Apr 11, 2013
Package Dimensions
0.25 M
4.9
5.3 Max
4.0 ± 0.2
1
4
5
3.3
0° – 8°
0.20
+0.05
–0.03
0.25
+0.05
–0.03
Previous Code
PTZZ0005DA-A
LFPAKV
MASS[Typ.]
0.080g
SC-100
RENESAS Code
JEITA Package Code
1.27
0.40 ± 0.06
0.75 Max
0.10
(Ni/Pd/Au plating)
Unit: mm
Package Name
LFPAK
Ordering Information
Part No.
Quantity
Shipping Container
RJK1056DPB-00-J5
2500 pcs
Taping


Similar Part No. - RJK1056DPB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1056DPB RENESAS-RJK1056DPB_15 Datasheet
154Kb / 7P
   100V, 25A, 14m??max. Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK1056DPB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1056DPB RENESAS-RJK1056DPB_15 Datasheet
154Kb / 7P
   100V, 25A, 14m??max. Silicon N Channel Power MOS FET Power Switching
RJK0651DPB RENESAS-RJK0651DPB_15 Datasheet
107Kb / 7P
   60V, 25A, 14m??max. Silicon N Channel Power MOS FET Power Switching
RJK0651DPB RENESAS-RJK0651DPB_13 Datasheet
107Kb / 7P
   60V, 25A, 14m max. Silicon N Channel Power MOS FET Power Switching
RJK1053DPB RENESAS-RJK1053DPB_13 Datasheet
107Kb / 7P
   100V, 25A, 13m max Silicon N Channel Power MOS FET Power Switching
RJK1053DPB RENESAS-RJK1053DPB_15 Datasheet
107Kb / 7P
   100V, 25A, 13m??max Silicon N Channel Power MOS FET Power Switching
RJK1052DPB RENESAS-RJK1052DPB_13 Datasheet
106Kb / 7P
   100V, 20A, 20m max. Silicon N Channel Power MOS FET Power Switching
RJK1055DPB RENESAS-RJK1055DPB Datasheet
155Kb / 7P
   100V, 23A, 17m max. Silicon N Channel Power MOS FET Power Switching
RJK1028DNS RENESAS-RJK1028DNS_15 Datasheet
117Kb / 7P
   100V, 4A, 165m??max. Silicon N Channel Power MOS FET Power Switching
RJK1054DPB RENESAS-RJK1054DPB_13 Datasheet
136Kb / 7P
   100V, 20A, 22m max Silicon N Channel Power MOS FET Power Switching
RJK1054DPB RENESAS-RJK1054DPB_15 Datasheet
136Kb / 7P
   100V, 20A, 22m??max. Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com