Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK1209JPE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK1209JPE
Description  120V - 80A - N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1209JPE Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK1209JPE Datasheet HTML 1Page - Renesas Technology Corp RJK1209JPE Datasheet HTML 2Page - Renesas Technology Corp RJK1209JPE Datasheet HTML 3Page - Renesas Technology Corp RJK1209JPE Datasheet HTML 4Page - Renesas Technology Corp RJK1209JPE Datasheet HTML 5Page - Renesas Technology Corp RJK1209JPE Datasheet HTML 6Page - Renesas Technology Corp RJK1209JPE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK1209JPE
Preliminary
R07DS0691EJ0100 Rev.1.00
Page 3 of 6
Mar 08, 2012
Main Characteristics
100
80
60
40
20
04
6
8
210
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
110
10
1
Drain Current ID (A)
Static Drain to Source On State Resistance
vs. Drain Current
100
100
Tc = 25
°C
Pulse Test
0
40
30
20
10
0
Gate to Source Voltage VGS (V)
Static Drain to Source On State Resistance vs.
Gate to Source Voltage
20
8
412
16
50
250
200
150
100
50
0
50
100
150
200
Power vs. Temperature Derating
Case Temperature
Tc (°C)
0.001
0.01
100
10
0.1
1
0.1
1
10
1000
100
1000
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
100
10
1
0.1
0.01
0.0001
0.001
01
2
3
6
5
4
Tc = 175
°C
25
°C
−40°C
ID = 40 A
Pulse Test
VGS = 4.1 V
10 V
4.7 V
4.5 V
4.3 V
Tc = 25
°C
1 shot Pulse
Operation
in this area
is limited R
DS(on)
Tc = 175
°C
25
°C
−40°C
VDS = 10 V
Pulse Test
Tc = 25
°C
VGS = 10 V
Pulse Test


Similar Part No. - RJK1209JPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1209JPE RENESAS-RJK1209JPE_15 Datasheet
97Kb / 7P
   120V - 80A - N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK1209JPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1209JPE RENESAS-RJK1209JPE_15 Datasheet
97Kb / 7P
   120V - 80A - N Channel Power MOS FET High Speed Power Switching
RJK1211DPA RENESAS-RJK1211DPA_13 Datasheet
179Kb / 7P
   120V, 5A, 130m max. N Channel Power MOS FET High Speed Power Switching
RJK1212DPA RENESAS-RJK1212DPA_13 Datasheet
146Kb / 7P
   120V, 3A, 310m max. N Channel Power MOS FET High Speed Power Switching
RJK0243DNS RENESAS-RJK0243DNS Datasheet
223Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0394DPA RENESAS-RJK0394DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0365DPA-02 RENESAS-RJK0365DPA-02_13 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B7DPA RENESAS-RJK03B7DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B9DPA RENESAS-RJK03B9DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B8DPA RENESAS-RJK03B8DPA_13 Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0397DPA RENESAS-RJK0397DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com