Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40034 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X40034
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40034 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X40034 Datasheet HTML 5Page - Intersil Corporation X40034 Datasheet HTML 6Page - Intersil Corporation X40034 Datasheet HTML 7Page - Intersil Corporation X40034 Datasheet HTML 8Page - Intersil Corporation X40034 Datasheet HTML 9Page - Intersil Corporation X40034 Datasheet HTML 10Page - Intersil Corporation X40034 Datasheet HTML 11Page - Intersil Corporation X40034 Datasheet HTML 12Page - Intersil Corporation X40034 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
FN8114.2
August 25, 2008
The new VTRIPX voltage to be applied to VXMON will now
be: VTRIPX (desired) – (VTRIPX (actual) – VTRIPX (desired)).
Note: This operation does not corrupt the memory array.
Setting a Lower VTRIPx Voltage (x=1, 2, 3)
In order to set VTRIPx to a lower voltage than the present
value, then VTRIPx must first be “reset” according to the
procedure described in the following. Once VTRIPx has been
“reset”, then VTRIPx can be set to the desired voltage using
the procedure described in “Setting a Higher VTRIPx
Voltage (x = 1, 2, 3)” on page 8.
Resetting the VTRIPx Voltage
To reset a VTRIPx voltage, apply the programming voltage
(Vp) to the WDO pin before a START condition is set up on
SDA. Next, issue on the SDA pin the Slave Address A0h
followed by the Byte Address 03h for VTRIP1, 0Bh for VTRIP2,
and 0Fh for VTRIP3, followed by 00h for the Data Byte in
order to reset VTRIPx. The STOP bit following a valid write
operation initiates the programming sequence. Pin WDO
must then be brought LOW to complete the operation.
After being reset, the value of VTRIPx becomes a nominal
value of 1.7V or lesser.
Note: This operation does not corrupt the memory array.
Set VCC ≅ 1.5(V2MON or V3MON), when setting VTRIP2 or
VTRIP3 respectively.
Control Register
The Control Register provides the user a mechanism for
changing the Block Lock and Watchdog Timer settings. The
Block Lock and Watchdog Timer bits are nonvolatile and do
not change when power is removed.
The Control Register is accessed with a special preamble in
the slave byte (1011) and is located at address 1FFh. It can
only be modified by performing a byte write operation directly
to the address of the register and only one data byte is
allowed for each register write operation. Prior to writing to the
Control Register, the WEL and RWEL bits must be set using a
two step process, with the whole sequence requiring 3 steps.
See “Writing to the Control Registers” on page 11.
The user must issue a stop, after sending this byte to the
register, to initiate the nonvolatile cycle that stores WD1,
WD0, PUP1, PUP0 and BP. The X40030, X40031, X40034,
X40035 will not acknowledge any data bytes written after the
first byte is entered.
The state of the Control Register can be read at any time by
performing a random read at address 1FFh, using the
special preamble. Only one byte is read by each register
read operation. The master should supply a stop condition to
be consistent with the bus protocol.
RWEL: Register Write Enable Latch (Volatile)
The RWEL bit must be set to “1” prior to a write to the
Control Register.
FIGURE 5. SAMPLE VTRIP RESET CIRCUIT
7
6
543
21
0
PUP1
WD1
WD0
BP
0
RWEL
WEL
PUP0
1
6
2
7
14
13
9
8
X40030
VTRIP1
ADJ.
VP
SDA
SCL
µC
ADJUST
RUN
V2FAIL
VTRIP2
ADJ.
RESET
X40030, X40031, X40034, X40035


Similar Part No. - X40034

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40034 INTERSIL-X40034 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
X40034 INTERSIL-X40034 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40034S14-A INTERSIL-X40034S14-A Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40034S14-A RENESAS-X40034S14-A Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40034S14-B INTERSIL-X40034S14-B Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40034

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com