Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ1W-OD204 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CJ1W-OD204
Description  CJ1 SYSTEM POWER AND EXPANSION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-OD204 Datasheet(HTML) 4 Page - Omron Electronics LLC

  CJ1W-OD204 Datasheet HTML 1Page - Omron Electronics LLC CJ1W-OD204 Datasheet HTML 2Page - Omron Electronics LLC CJ1W-OD204 Datasheet HTML 3Page - Omron Electronics LLC CJ1W-OD204 Datasheet HTML 4Page - Omron Electronics LLC CJ1W-OD204 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-OD204 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-OD204 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-OD204 Datasheet HTML 8Page - Omron Electronics LLC CJ1W-OD204 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
System Power and Expansion
B-111
Programmable Controller
CJ1
Current Consumption
J Current Consumption Tables
5-Volt Group: CPUs and Expansion Modules
Module
Model
Current
consumption
at 5 V (A)
CPUs
(These values include
CJ1H-CPU66H/
CJ1H-CPU65H
0.99
(See note.)
(These values include
current consumption for
a Programming Console
or CX-Programmer.)
CJ1G-CPU45H/
CJ1G-CPU44H/
CJ1G-CPU43H/
CJ1G-CPU42H
0.91
(See note.)
CJ1G-CPU45/
CJ1G-CPU44
0.91
(See note.)
CJ1M-CPU11/
CJ1M-CPU12
CJ1M-CPU13
0.58
CJ1M-CPU21/
CJ1M-CPU22
CJ1M-CPU23
0.64
I/O Control Module
CJ1W-IC101
0.02
I/O Interface Module
CJ1W-II101
0.13
End Cover
(Included in CPU or
Expansion Module.)
CJ1W-TER01
Note: Add 0.15 A per Module when the NT-AL001-E is connected.
Basic I/O Modules and Interrupt Input Module
Category
Name
Model
Current
consumption
at 5 V (A)
Basic
I
t
DC Input
M d l
CJ1W-ID201
0.06
Input
Modules
p
Modules
CJ1W-ID211
0.08
Modules
CJ1W-ID231
0.09
CJ1W-ID232
0.09
CJ1W-ID261
0.09
CJ1W-ID262
0.09
AC Input
M d l
CJ1W-IA111
0.09
p
Modules
CJ1W-IA201
0.08
Basic
O t
t
Transistor
CJ1W-OD201
0.09
Output
Modules
CJ1W-OD202
0.11
Modules
CJ1W-OD203
0.10
CJ1W-OD204
0.10
CJ1W-OD211
0.10
CJ1W-OD212
0.10
CJ1W-OD231
0.14
CJ1W-OD232
0.15
CJ1W-OD233
0.14
CJ1W-OD261
0.17
CJ1W-OD262
0.17
CJ1W-OD263
0.17
Relay
CJ1W-OC201
0.09
y
CJ1W-OC211
0.11
Triac
CJ1W-OA201
0.22
Interrupt Input Module
CJ1W-INT01
0.08
Pulse Catch Module
CJ1W-IDP01
0.08
Mixed
CJ1W-MD231
0.13
CJ1W-MD232
0.13
CJ1W-MD233
0.13
CJ1W-MD261
0.14
CJ1W-MD263
0.14
CJ1W-MD563
0.19
Special I/O Modules
Category
Module
Model
Current
consumption
at 5 V (A)
Special
I/O
Analog Input
M d l
CJ1W-AD081-V1
0.42
p
I/O
Modules
g
p
Modules
CJ1W-AD041-V1
0.42
Modules
Analog
O t
t
CJ1W-DA041
0.12
g
Output
Modules
CJ1W-DA021
0.12
Modules
CJ1W-DA08V
0.14
CJ1W-DA08C
0.14
Mixed
Analog
Module
CJ1W-MAD42
0.58
Temperature
Control
Modules
CJ1W-TCjjj
0.25
Position
Control
M d l
CJ1W-NC113/133
CJ1W-NC213/233
0.25
Modules
CJ1W-NC413/433
0.36
High-speed
Counter
Module
CJ1W-CT021
0.28
ID Sensor
M d l
CJ1W-V600C11
0.26
Modules
CJ1W-V600C12
0.32
CPU Bus Communication Modules
Category
Name
Model
Current
consumption
at 5 V (A)
CPU Bus
Modules
Ethernet
Module
CJ1W-ETN21
0.38
Controller
Link Module
CJ1W-CLK21-V1
0.35
DeviceNet
Module
CJ1W-DRM21
0.33
ProfiBus-DP
M d l
CJ1W-PRM21
0.40
Module
CJ1W-PRT21
0.40
Serial
Communica-
ti
M d l
CJ1W-SCU41
0.38
(See note.)
tions Module
CJ1W-SCU21
0.28
(See note.)
CompoBus/S
Master
Module
CJ1W-SRM21
0.15
Note: Add 0.15 A per Module when the NT-AL001-E is connected.
24-Volt Group: CJ1 Series Basic Output Modules
Category
Name
Model
Current
consumption
at 24 V (A)
Basic
Output
Modules
Relay Output
Units
CJ1W-OC201
0.048
(0.006
×No.
of points ON)
CJ1W-OC211
0.096
(0.006
×No.
of points ON)


Similar Part No. - CJ1W-OD204

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-OD204 OMRON-CJ1W-OD204 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
More results

Similar Description - CJ1W-OD204

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-CIF11 OMRON-CJ1W-CIF11 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
STMicroelectronics
L9679E STMICROELECTRONICS-L9679E Datasheet
1Mb / 124P
   Automotive battery cut-off circuit and airbag system expansion IC
July 2021 Rev 5
logo
Advantech Co., Ltd.
EPC-B3522 ADVANTECH-EPC-B3522 Datasheet
678Kb / 2P
   Embedded System with AMD AM4 Platform and 3 PCIE Expansion Slots
4-Aug-2022
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 4P
   Embedded System with 4 PCIE Expansion Slots
8-Sep-2022
EPC-B5505 ADVANTECH-EPC-B5505 Datasheet
1Mb / 2P
   Embedded System with 4 PCIE Expansion Slots
14-Apr-2022
logo
List of Unclassifed Man...
CY8CKIT-035 ETC2-CY8CKIT-035 Datasheet
2Mb / 49P
   POWER MANAGEMENT EXPANSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com