Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1W-CN226 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # CS1W-CN226
Description  CJ1 Ordering Guide
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CN226 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button CS1W-CN226 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 9Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 10Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 11Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 12Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 13Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CJ1 Ordering Guide
B-127
Programmable Controller
CJ1
DeviceNet
DeviceNet Slaves (continued)
Item
Description/Specifications
Standards
Part number
Environment-resistant Terminals
8 input points (NPN with + common)
CE
DRT1-ID08C
16 input points (NPN with + common)
DRT1-HD16C
16 input points (PNP with -- common)
DRT1-HD16C-1
8 output points (NPN with -- common)
DRT1-OD08C
16 output points (NPN with -- common)
DRT1-WD16C
16 output points (PNP with + common)
DRT1-WD16C-1
8 input points (NPN with + common)
8 output points (NPN with -- common)
DRT1-MD16C
8 input points (PNP with -- common)
8 output points (PNP with + common)
DRT1-MD16C-1
B7AC Interface Terminal
10 input points x 3 (3 branches for the B7AC)
U, C, CE
DRT1-B7AC
Analog Input Terminals
4 input points (4 words) or 2 input points (2 words)
(Set via DIP switch.)
CE
DRT1-AD04
4 input points (4 words)
DRT1-AD04H
Analog Output Terminals
2 output points (2 words)
Current: 0 to 20 mA, 4
to 20 mA
DRT1-DA02
Voltage: 1 to 5 V,
0to10V, -- 10to10V
Temperature Input Terminals
4 thermocouple inputs
(4 words)
Inputs: R, S, K1, K2,
J1, J2, T, E, B, N, L1,
L2, U, W, PLII
DRT1-TS04T
4 RTD inputs (4 words)
Inputs: Pt100, JPt100
DRT1-TS04P
RS-232C Module
Two RS-232C ports, 16 inputs (signal status)
DRT1-232C2
Digital Controller
DeviceNet-compatible Digital Controller
E5EK-AA2-DRT
High-density Temperature Controller
DeviceNet-compatible High-density Temperature
Controller
E5ZE-8jD1-jB-V2
Multi-function Compact Inverter
DeviceNet Communications Module
DeviceNet Communications Module for the 3G3MV
3G3MV-PDRT1-SINV
High-function General-purpose Inverter
DeviceNet Communications Module
DeviceNet Communications Module for the 3G3RV
and 3G3FV
3G3FV-PDRT1-SIN
Intelligent Flag III
DeviceNet-compatible ID system
V600-HAM42-DRT
Vision Sensor Controller
DeviceNet-compatible vision system
F150-C10V3-DRT
Super-compact Signal Converter Bases
DeviceNet-compatible Bases
K3FM-BIj/BOj
Programmable Terminal DeviceNet
Interface Module
DeviceNet Interface Module for the NT31/NT631
Series
NT-DRT21
DeviceNet Wireless Modules
DeviceNet Wireless Master Module
WD30-ME
DeviceNet Wireless Slave Module
WD30-SE


Similar Part No. - CS1W-CN226

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CS1W-CN226 OMRON-CS1W-CN226 Datasheet
1Mb / 22P
   Programmable Controller
CS1W-CN226 OMRON-CS1W-CN226 Datasheet
344Kb / 15P
   CPU Selection
CS1W-CN226 OMRON-CS1W-CN226 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
More results

Similar Description - CS1W-CN226

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
CommScope Inc.
C195-QMQM-2M-AMBG COMMSCOPE-C195-QMQM-2M-AMBG Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
Omron Electronics LLC
C200HOD212 OMRON-C200HOD212 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
logo
Omron Electronics LLC
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID262 OMRON-CJ1W-ID262 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
logo
List of Unclassifed Man...
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com