Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-NA11V Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3X-NA11V
Description  Manual Fiber Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-NA11V Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3X-NA11V Datasheet HTML 5Page - Omron Electronics LLC E3X-NA11V Datasheet HTML 6Page - Omron Electronics LLC E3X-NA11V Datasheet HTML 7Page - Omron Electronics LLC E3X-NA11V Datasheet HTML 8Page - Omron Electronics LLC E3X-NA11V Datasheet HTML 9Page - Omron Electronics LLC E3X-NA11V Datasheet HTML 10Page - Omron Electronics LLC E3X-NA11V Datasheet HTML 11Page - Omron Electronics LLC E3X-NA11V Datasheet HTML 12Page - Omron Electronics LLC E3X-NA11V Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
E3X-NA
9
PNP Output
Plug (Sensor I/O Connector)
Nomenclature
Amplifier Units
Model
Operation
mode
Timing charts
Operation
selector
Output circuit
E3X-NA41
E3X-NA8
E3X-NAG41
E3X-NA41F
E3X-NA41V
E3X-NA44V
Light-ON
LIGHT ON
(L-ON)
Dark-ON
DARK ON
(D-ON)
E3X-NA51
Light-ON
LIGHT ON
(L-ON)
Dark-ON
DARK ON
(D-ON)
T
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Output
transistor
Load
(relay)
(Between blue and black leads)
Black
Brown
Blue
Load
Operation
indicator
(orange)
Photo-
electric
Sensor
main
circuit
12 to
24 VDC
M8 Connector Pin Arrangement
Control
output
1
4
3
1
2 4
3
Note: Pin 2 is not used.
T
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Output
transistor
Load
(relay)
(Between blue and black leads)
T
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Output
transistor
Load
(relay)
(Between blue and black leads)
0 V
Orange
Self-diagnosis output
Load
(relay)
Load
(relay)
Black
Brown
Blue
Operation indicator
(orange)
Photo-
electric
Sensor
main
circuit
12 to
24 VDC
Control
output
Incident level
indicators
(4 green, 1 red)
T
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Output
transistor
Load
(relay)
(Between blue and black leads)
2
4
1
3
1
2
3
4
Brown
White
Blue
Black
Terminal number
XS3F-M421-402-A
XS3F-M421-405-A
XS3F-M422-402-A
XS3F-M422-405-A
Wire color
Note: Pin 2 is not used.
Classification
Wire color
Connection pin
Application
DC
Brown
1
Power supply
(+V)
White
2
---
Blue
3
Power supply
(0 V)
Black
4
Output
Incident level indicators
Lock lever
Sensitivity indicator
8-turn sensitivity adjuster
Operation Indicator
Timer switch
ON: Timer function is ON.
OFF: Timer function is OFF.
Operation Selector
Use to switch between
Light-ON and Dark-ON


Similar Part No. - E3X-NA11V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-NA11 OMRON-E3X-NA11 Datasheet
2Mb / 20P
   The Highest Level of Power and Precision in the Industry with ?쏥IGA RAY??Giga Power Lighting Element
More results

Similar Description - E3X-NA11V

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MEDALLION7200 EMCORE-MEDALLION7200 Datasheet
550Kb / 6P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200_11 Datasheet
497Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3XNA11V2M OMRON-E3XNA11V2M Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
NMOA8200WDM-XX01-1001 EMCORE-NMOA8200WDM-XX01-1001_13 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
MEDALLION7100 EMCORE-MEDALLION7100 Datasheet
532Kb / 5P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200 Datasheet
143Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3X-NA41 OMRON-E3X-NA41 Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
NMOA8100GFF-XX01-1001 EMCORE-NMOA8100GFF-XX01-1001_13 Datasheet
428Kb / 4P
   CATV Fiber Amplifier
MEDALLION7110 EMCORE-MEDALLION7110 Datasheet
545Kb / 6P
   CATV Fiber Amplifier
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com