Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40034VIB Datasheet(PDF) 7 Page - Intersil Corporation

Part # X40034VIB
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40034VIB Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X40034VIB Datasheet HTML 3Page - Intersil Corporation X40034VIB Datasheet HTML 4Page - Intersil Corporation X40034VIB Datasheet HTML 5Page - Intersil Corporation X40034VIB Datasheet HTML 6Page - Intersil Corporation X40034VIB Datasheet HTML 7Page - Intersil Corporation X40034VIB Datasheet HTML 8Page - Intersil Corporation X40034VIB Datasheet HTML 9Page - Intersil Corporation X40034VIB Datasheet HTML 10Page - Intersil Corporation X40034VIB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
FN8114.2
August 25, 2008
Principles of Operation
Power-on Reset
Applying power to the X40030, X40031, X40034, X40035
activates a Power-on Reset Circuit that pulls the
RESET/RESET pins active. This signal provides several
benefits.
• It prevents the system microprocessor from starting to
operate with insufficient voltage.
• It prevents the processor from operating prior to
stabilization of the oscillator.
• It allows time for an FPGA to download its configuration
prior to initialization of the circuit.
• It prevents communication to the EEPROM, greatly reducing
the likelihood of data corruption on power-up.
When VCC exceeds the device VTRIP1 threshold value for
tPURST (selectable), the circuit releases the RESET (X40031,
X40035) and RESET (X40030, X40034) pin allowing the
system to begin operation.
FIGURE 1. CONNECTING A MANUAL RESET PUSH-BUTTON
Manual Reset
By connecting a push-button directly from MR to ground, the
designer adds manual system reset capability. The MR pin is
LOW while the push-button is closed and RESET/RESET
pin remains HIGH/LOW until the push-button is released and
for tPURST thereafter.
Low Voltage VCC (V1 Monitoring)
During operation, the X40030, X40031, X40034, X40035
monitors the VCC level and asserts RESET/RESET if the
supply voltage falls below a preset minimum VTRIP1. The
RESET signal prevents the microprocessor from operating in
a power fail or brownout condition. The RESET/RESET
signal remains active until the voltage drops below 1V. It also
remains active until VCC returns and exceeds VTRIP1 for
tPURST.
Low Voltage V2 Monitoring
The X40030 also monitors a second voltage level and
asserts V2FAIL if the voltage falls below a preset minimum
VTRIP2. The V2FAIL signal is either ORed with RESET to
prevent the microprocessor from operating in a power fail or
brownout condition or used to interrupt the microprocessor
with notification of an impending power failure.
For the X40030 and X40031 the V2FAIL signal remains
active until the V2MON drops below 1V (V2MON falling). It
also remains active until V2MON returns and exceeds
VTRIP2.This voltage sense circuitry monitors the power
supply connected to V2MON pin. If VCC = 0, V2MON can still
be monitored.
For the X40034 and X40035, the V2FAIL signal remains
active until VCC drops below 1V and remains active until
V2MON returns and exceeds VTRIP2.This sense circuitry is
powered by VCC. If VCC = 0, V2MON cannot be monitored.
Low Voltage V3 Monitoring
The X40030, X40031, X40034, X40035 also monitors a third
voltage level and asserts V3FAIL if the voltage falls below a
preset minimum VTRIP3. The V3FAIL signal is either ORed
with RESET to prevent the microprocessor from operating in
a power fail or brownout condition or used to interrupt the
microprocessor with notification of an impending power
failure. The V3FAIL signal remains active until the V3MON
drops below 1V (V3MON falling). It also remains active until
V3MON returns and exceeds VTRIP3.
This voltage sense circuitry monitors the power supply
connected to V3MON pin. If VCC = 0, V3MON can still be
monitored.
Early Low VCC Detection (LOWLINE)
This CMOS output goes LOW earlier than RESET/RESET
whenever VCC falls below the VTRIP1 voltage and returns
high when VCC exceeds the VTRIP1 voltage. There is no
power-up delay circuitry (tPURST) on this pin.
FIGURE 2. TWO USES OF MULTIPLE VOLTAGE MONITORING
VCC
MR
SYSTEM
RESET
MANUAL
RESET
X40030, X40034
RESET
6V TO 10V
VCC
5V
V2MON
X40031-A
UNREG.
SUPPLY
VCC
X40031-B
RESET
V2FAIL
SYSTEM
VCC
RESET
RESET
V2FAIL
SYSTEM
RESET
NOTICE: NO EXTERNAL COMPONENTS REQUIRED TO MONITOR
THREE VOLTAGES.
1M
390k
V3MON
V3FAIL
V2MON
5V
REG
3.0V
REG
1.8V
REG
3.3V
V3FAIL
V3MON
(1.7V)
POWER
FAIL
INTERRUPT
VCC
X40030, X40031, X40034, X40035


Similar Part No. - X40034VIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40034V14-A INTERSIL-X40034V14-A Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40034V14-A RENESAS-X40034V14-A Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40034V14-B INTERSIL-X40034V14-B Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40034V14-B RENESAS-X40034V14-B Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40034V14-C INTERSIL-X40034V14-C Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40034VIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com