Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ1W-OD231 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # CJ1W-OD231
Description  CJ1 Ordering Guide
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-OD231 Datasheet(HTML) 5 Page - Omron Electronics LLC

  CJ1W-OD231 Datasheet HTML 1Page - Omron Electronics LLC CJ1W-OD231 Datasheet HTML 2Page - Omron Electronics LLC CJ1W-OD231 Datasheet HTML 3Page - Omron Electronics LLC CJ1W-OD231 Datasheet HTML 4Page - Omron Electronics LLC CJ1W-OD231 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-OD231 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-OD231 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-OD231 Datasheet HTML 8Page - Omron Electronics LLC CJ1W-OD231 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CJ1 Ordering Guide
B-122 Programmable Controller
CJ1
Modules
J Wiring Connectors for 32-Point and 64-Point I/O Modules
Item
Description/Specifications
Standards
Part number
Connection
Additional information
Fujitsu connector
Soldered
Connector: FCN-361J040-AU
Connector Cover: FCN-360C040-J2
C500-CE404
Crimped
Housing: FCN-363J040
Contactor: FCN-363J-AU
Connector Cover: FCN-360C040-J2
C500-CE405
Pressure welded
FCN-367J040-AU/F
C500-CE403
MIL-type connector
Pressure welded
FRC5-A040-3T0S
XG4M-4030-T
J Special I/O Modules
Item
Description/Specifications
Standards
Part number
Item
Description/Specifications
Standards
Part number
Analog Input
Module
8 inputs (1 to 5 V, 0 to 5 V, 0 to 10 V, --10 to 10 V, 4 to 20 mA)
Resolution: 1/8000, Conversion speed: 250
µs/point max.
(Settable to 1/4000 and 1 ms/point.)
UC, CE
CJ1W-AD081-V1
4 inputs (1 to 5 V, 0 to 5 V, 0 to 10 V, --10 to 10 V, 4 to 20 mA)
Resolution: 1/8000, Conversion speed: 250
µs/point max.
(Settable to 1/4000 and 1 ms/point.)
CJ1W-AD041-V1
Analog Output
Module
8 outputs (1 to 5 V, 0 to 5 V, 0 to 10 V, --10 to 10 V)
Resolution: 1/4000, Conversion speed: 1ms/point max.
(Settable to 1/8000, 250
µs/point)
CJ1W-DA08V
8 outputs, (4 to 20 mA)
Resolution: 1/4000, Conversion speed: 1 ms/point max.
(Settable to 1/8000, 250
µs/point
CJ1W-DA08C
4outputs (1to5V,0to5V,0to 10 V, --10 to 10 V, 4to20mA)
Resolution: 1/4,000
CS1W-DA041
2outputs (1to5V,0to5V,0to 10 V, --10 to 10 V, 4to20mA)
Resolution: 1/4000, Conversion speed: 1 ms/point max.
CJ1W-DA021
Analog I/O
Module
4 inputs, 2 outputs (1 to 5 V, 0 to 5 V, 0 to 10 V, --10 to 10 V, 4 to 20 mA)
Resolution: 1/4000, Conversion speed: 1ms/point max.
(Settable to 1/8000, 250
µs/point)
CJ1W-MAD42
Temperature
C
t l M d l
4 loops, thermocouple input, NPN output
CJ1W-TC001
p
Control Modules
4 loops, thermocouple input, PNP output
CJ1W-TC002
2 loops, thermocouple input, NPN output, heater burnout detection function
CJ1W-TC003
2 loops, thermocouple input, PNP output, heater burnout detection function
CJ1W-TC004
4 loops, platinum resistance thermometer input, NPN output
CJ1W-TC101
4 loops, platinum resistance thermometer input, PNP output
CJ1W-TC102
2 loops, platinum resistance thermometer input, NPN output, heater
burnout detection function
CJ1W-TC103
2 loops, platinum resistance thermometer input, PNP output, heater
burnout detection function
CJ1W-TC104
High-speed
Counter Module
2 inputs, max. input frequency: 500 kpps
CJ1W-CT021
Position Control
M d l
Pulse train, open collector output, 1 axis
CJ1W-NC113
Modules
Pulse train, open collector output, 2 axes
CJ1W-NC213
Pulse train, open collector output, 4 axes (See Note.)
CJ1W-NC413
Pulse train, line driver output, 1 axis
CJ1W-NC133
Pulse train, line driver output, 2 axes
CJ1W-NC233
Pulse train, line driver output, 4 axes (See Note.)
CJ1W-NC433
I/O Sensor
M d l
For V600 Series, 1 R/W Head
CJ1W-V600C11
/
Modules
For V600 Series, 2 R/W Heads
CJ1W-V600V12


Similar Part No. - CJ1W-OD231

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-OD231 OMRON-CJ1W-OD231 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
CJ1W-OD231 OMRON-CJ1W-OD231 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-OD231 OMRON-CJ1W-OD231 Datasheet
480Kb / 5P
   Reference Information
More results

Similar Description - CJ1W-OD231

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
CommScope Inc.
C195-QMQM-2M-AMBG COMMSCOPE-C195-QMQM-2M-AMBG Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
Omron Electronics LLC
C200HOD212 OMRON-C200HOD212 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
logo
Omron Electronics LLC
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID262 OMRON-CJ1W-ID262 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
logo
List of Unclassifed Man...
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com