Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ1W-PTS51 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CJ1W-PTS51
Description  CJ1 Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-PTS51 Datasheet(HTML) 3 Page - Omron Electronics LLC

  CJ1W-PTS51 Datasheet HTML 1Page - Omron Electronics LLC CJ1W-PTS51 Datasheet HTML 2Page - Omron Electronics LLC CJ1W-PTS51 Datasheet HTML 3Page - Omron Electronics LLC CJ1W-PTS51 Datasheet HTML 4Page - Omron Electronics LLC CJ1W-PTS51 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-PTS51 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-PTS51 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-PTS51 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Number
of I/O
Program
capacity
Data memory
storage
Maximum
I/O
modules
per CPU
Max. I/O
expansion
racks per CPU
Features
Current usage
Model
160 points
5K steps
32K words
10
0
--
0.58 A, 5 V
CJ1M-CPU11
160 points
5K steps
32K words
10
0
Built-in Ethernet
0.58 A, 5 V
CJ1M-CPU11-ETN
160 points
5K steps
32K words
10
0
10 I/O built in
0.65 A, 5 V
CJ1M-CPU21
320 points
10K steps
32K words
10
0
--
0.58 A, 5 V
CJ1M-CPU12
320 points
10K steps
32K words
10
0
Built-in Ethernet
0.58 A, 5 V
CJ1M-CPU12-ETN
320 points
10K steps
32K words
10
0
10 I/O built in
0.65 A, 5 V
CJ1M-CPU22
640 points
20K steps
32K words
20
1
--
0.58 A, 5 V
CJ1M-CPU13
640 points
20K steps
32K words
20
1
Built-in Ethernet
0.58 A, 5 V
CJ1M-CPU13-ETN
640 points
20K steps
32K words
20
1
10 I/O built in
0.65 A, 5 V
CJ1M-CPU23
960 points
10K steps
64K words
30
2
--
0.91 A, 5 V
CJ1G-CPU42H
960 points
20K steps
64K words
30
2
--
0.91 A, 5 V
CJ1G-CPU43H
1280 points
30K steps
64K words
40
3
--
0.91 A, 5 V
CJ1G-CPU44H
1280 points
60K steps
128K words
40
3
--
0.91 A, 5 V
CJ1G-CPU45H
2560 points
60K steps
128K words
40
3
--
0.99 A, 5 V
CJ1H-CPU65H
2560 points
120K steps
256K words
40
3
--
0.99 A, 5 V
CJ1H-CPU66H
2560 points
250K steps
448K words
40
3
--
0.99 A, 5 V
CJ1H-CPU67H
CPUs
Item
Description
Current consumption
Model
I/O Control module
Mount next to CPU for expansion rack connection
0.02 A, 5 V
CJ1W-IC101
I/O Interface module
Mount next to expansion rack power supply for CPU interface
0.13 A, 5 V
CJ1W-II101
Expansion Rack Units
Description
Function
Length
Model
Expansion rack connecting
cables
Connects Expansion Racks to
the CPU Rack or another
Expansion Rack
0.3 m
CS1W-CN313
0.7 m
CS1W-CN713
2 m
CS1W-CN223
3 m
CS1W-CN323
5 m
CS1W-CN523
10 m
CS1W-CN133
12 m
CS1W-CN133-B2
Expansion Rack Connecting Cables
Input voltage
Output rating
Output capacity
Current usage
Model
100 to 240 VAC
5 A, 5 VDC with 2 A RUN output
25 W max.
0.8 A, 24 VDC
CJ1W-PA205R
100 to 240 VAC
2.8 A, 5 VDC
14 W max.
0.4 A, 24 VDC
CJ1W-PA202
24 VDC
5 A, 5 VDC
25 W max.
0.8 A, 24 VDC
CJ1W-PD025
24 VDC
2 A, 5 VDC
10 W max.
0.4 A, 24 VDC
CJ1W-PD022
Power Supply
Item
Description
Model
Flash Memory Cards
64 MB
HMC-EF672
Memory Card Adapter
Mounts a memory card to fit the PCMCIA card slot on a computer
HMC-AP001
Flash Memory Cards


Similar Part No. - CJ1W-PTS51

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-PTS51 OMRON-CJ1W-PTS51 Datasheet
2Mb / 42P
   CJ-series Process Analog I/O Unit
More results

Similar Description - CJ1W-PTS51

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com