Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40035VA Datasheet(PDF) 5 Page - Intersil Corporation

Part # X40035VA
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40035VA Datasheet(HTML) 5 Page - Intersil Corporation

  X40035VA Datasheet HTML 1Page - Intersil Corporation X40035VA Datasheet HTML 2Page - Intersil Corporation X40035VA Datasheet HTML 3Page - Intersil Corporation X40035VA Datasheet HTML 4Page - Intersil Corporation X40035VA Datasheet HTML 5Page - Intersil Corporation X40035VA Datasheet HTML 6Page - Intersil Corporation X40035VA Datasheet HTML 7Page - Intersil Corporation X40035VA Datasheet HTML 8Page - Intersil Corporation X40035VA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
FN8114.2
August 25, 2008
A manual reset input provides debounce circuitry for
minimum reset component count.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. When the microcontroller
fails to restart a timer within a selectable time out interval,
the device activates the WDO signal. The user selects the
interval from three preset values. Once selected, the interval
does not change, even after cycling the power.
TABLE 1. SELECTION TABLE
DEVICE
EXPECTED SYSTEM
VOLTAGES
VTRIP1
(V)
VTRIP2
(V)
VTRIP3
(V)
POR
(SYSTEM)
X40030, X40031
2.0 to 4.75*
1.70 to 4.75
1.70 to 4.75
X40030A, X40031A
5V; 3V or 3.3V; 1.8V
4.55 to 4.65*
2.85 to 2.95
1.65 to 1.75
RESET = X40030
X40030B, X40031B
5V; 3V; 1.8V
4.35 to 4.45*
2.55 to 2.65
1.65 to 1.75
RESET = X40031
X40030C, X40031C
3.3V; 2.5V; 1.8V
2.95 to 3.05*
2.15 to 2.25
1.65 to 1.75
X40034, X40035
2.0 to 4.75*
0.90 to 3.50
1.70 to 4.75
X40034A, X40035A
5V; 3.3V; 1.5V
4.55 to 4.65*
1.25 to 1.35
3.05 to 3.15
RESET = X40030
X40034B, X40035B
5V; 3V or 3.3V; 1.5V
4.55 to 4.65*
1.25 to 1.35
2.85 to 2.95
RESET = X40031
X40034C, X40035C
5V; 3V or 3.3V; 1.2V
4.55 to 4.65*
0.95 to 1.05
2.85 to 2.95
*
Voltage monitor requires VCC to operate. Others are independent of VCC
X40030, X40031, X40034, X40035


Similar Part No. - X40035VA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40035V14-A RENESAS-X40035V14-A Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40035V14-B RENESAS-X40035V14-B Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40035V14-C RENESAS-X40035V14-C Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40035V14I-A RENESAS-X40035V14I-A Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40035V14I-B RENESAS-X40035V14I-B Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40035VA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com