Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL-1H1100-1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # WL-1H1100-1
Description  Two-circuit Limit Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WL-1H1100-1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  WL-1H1100-1 Datasheet HTML 1Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 2Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 3Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 4Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 5Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 6Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 7Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 8Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
Two-circuit Limit Switch
WL
Wide Selection of Two-circuit Limit
Switches
A wide selection of models are available, including
the overtravel models with greater OT, lamp-
equipped models for checking operation, low-tem-
perature and heat-resistant models, and microload
models.
Microload models are added to the product lineup.
Meets EN/IEC standards (only Switches with
ground terminals).
Switches with ground terminals have the CE
marking.
Approved Standards
Agency
Standard
File No.
UL
UL508
E76675
CSA
CSA C22.2 No. 14
LR45746
TÜV Rheinland
EN60947-5-1
R9551016
uCE
Note: Contact your OMRON representative for more information on approved models.
Ordering Information
Classification
Specifications
Standard
Overtravel
High-
precision
Features
Page
Actua-
tors
Roller lever
Yes
Yes
Yes
Five models: Roller lever, adjustable roll-
er lever, adjustable rod lever, fork lever
lock, rod spring lever.
11 to
25
Plunger
Yes
---
---
Six models: Top plunger, top-roller plung-
er, top-ball plunger, horizontal plunger,
horizontal-roller plunger, horizontal-ball
plunger.
Flexible rod
Yes
---
---
Two models: coil spring and steel wire.
Load/
contact
Standard load
SPST-NO/
SPST-NC
type
Yes
Standard models use a two-circuit
double-break switch.
Microload
SPST-NO/
SPST-NC
type
Yes
Specifications include gold-plated con-
tacts.


Similar Part No. - WL-1H1100-1

ManufacturerPart #DatasheetDescription
logo
3M Electronics
WL-1 3M-WL-1 Datasheet
71Kb / 2P
   WL Wire Pulling Lubricant
2000
logo
Laird Tech Smart Techno...
WL-1000 LSTD-WL-1000 Datasheet
594Kb / 3P
   Adjustable Flow Rate
WL-1500 LSTD-WL-1500 Datasheet
1Mb / 9P
   Input power must be rated for 230 VAC at 50 or 60 Hz
logo
List of Unclassifed Man...
WL-18606130 ETC2-WL-18606130 Datasheet
505Kb / 1P
   T3 MINIATURE BAYONET BASE LED LAMP
WL-18606131 ETC2-WL-18606131 Datasheet
505Kb / 1P
   T3 MINIATURE BAYONET BASE LED LAMP
More results

Similar Description - WL-1H1100-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WL-N OMRON-WL-N Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLCA2 OMRON-WLCA2 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
logo
Guangdong Youtai Semico...
SGM3157 UMW-SGM3157 Datasheet
829Kb / 9P
   Two-choice analog switch circuit
ET3157 UMW-ET3157 Datasheet
791Kb / 9P
   Two-choice analog switch circuit
SN74LVC1G3157 UMW-SN74LVC1G3157 Datasheet
845Kb / 9P
   Two-choice analog switch circuit
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com