Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC1218 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # AC1218
Description  THICK FILM CHIP RESISTORS Automotive grade
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC1218 Datasheet(HTML) 5 Page - YAGEO Corporation

  AC1218 Datasheet HTML 1Page - YAGEO Corporation AC1218 Datasheet HTML 2Page - YAGEO Corporation AC1218 Datasheet HTML 3Page - YAGEO Corporation AC1218 Datasheet HTML 4Page - YAGEO Corporation AC1218 Datasheet HTML 5Page - YAGEO Corporation AC1218 Datasheet HTML 6Page - YAGEO Corporation AC1218 Datasheet HTML 7Page - YAGEO Corporation AC1218 Datasheet HTML 8Page - YAGEO Corporation AC1218 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Chip Resistor Surface Mount
www.yageo.com
Feb 10, 2012 V.2
Product specification
5
10
SERIES
AC
0402 to 2512
CHARACTERISTICS
TYPE
RESISTANCE
RANGE
Operating
Temperature
Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
Temperature
Coefficient
of Resistance
Jumper Criteria
Rated Current 1A
AC0402
50 V
100 V
100 V
Max. Current 2A
Rated Current 1A
AC0603
50 V
100 V
100 V
Max. Current 2A
Rated Current 2A
AC0805
150 V
300 V
300 V
Max. Current 5A
Rated Current 2A
AC1206
200 V
400 V
500 V
Max. Current 10A
Rated Current 2A
AC1210
200 V
500 V
500 V
Max. Current 10A
Rated Current 6A
AC1218
200 V
500 V
500 V
Max. Current 10A
Rated Current 2A
AC2010
200 V
500 V
500 V
Max. Current 10A
Rated Current 2A
AC2512
5% (E24), 1% (E24/E96)
1 Ω to 10 MΩ
Jumper < 0.05 Ω
–55 °C to +155 °C
200 V
500 V
500 V
1
Ω ≤ R ≤ 10 Ω ,
±200 ppm/°C
10
Ω < R ≤ 10 MΩ ,
±100 ppm/°C
Max. Current 10A
ELECTRICAL CHARACTERISTICS
Table 2
PACKING STYLE
REEL
DIMENSION
AC0402 AC0603 AC0805 AC1206 AC1210 AC1218 AC2010 AC2512
Paper/PE taping reel (R)
7" (178 mm)
10,000
20,000
5,000
5,000
5,000
5,000
---
---
---
10" (254 mm)
20,000
10,000
10,000
10,000
---
---
---
---
13" (330 mm)
50,000
20,000
20,000
20,000
20,000
---
---
---
Embossed taping reel (K)
7" (178 mm)
---
---
---
---
---
4,000
4,000
4,000
NOTE
1. For paper/PE/embossed tape and reel specifications/dimensions, please refer to data sheet “Chip resistors packing”.
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity
FOOTPRINT AND SOLDERING PROFILES
Recommended footprint and soldering profiles of AC-series is the same as RC-series. Please refer to data sheet
“Chip resistors mounting”.


Similar Part No. - AC1218

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC1218 YAGEO-AC1218 Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
logo
Teledyne Technologies I...
AC1218 TELEDYNE-AC1218 Datasheet
165Kb / 2P
   10 TO 1200 MHz TO-8 CASCADABLE AMPLIFIERS
logo
YAGEO Corporation
AC1218DK-07100R YAGEO-AC1218DK-07100R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC1218DK-0710M YAGEO-AC1218DK-0710M Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC1218DK-0710R YAGEO-AC1218DK-0710R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC1218

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
   Automotive Grade Thick Film Chip Resistors
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com