Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL-2H4100 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # WL-2H4100
Description  Two-circuit Limit Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WL-2H4100 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button WL-2H4100 Datasheet HTML 4Page - Omron Electronics LLC WL-2H4100 Datasheet HTML 5Page - Omron Electronics LLC WL-2H4100 Datasheet HTML 6Page - Omron Electronics LLC WL-2H4100 Datasheet HTML 7Page - Omron Electronics LLC WL-2H4100 Datasheet HTML 8Page - Omron Electronics LLC WL-2H4100 Datasheet HTML 9Page - Omron Electronics LLC WL-2H4100 Datasheet HTML 10Page - Omron Electronics LLC WL-2H4100 Datasheet HTML 11Page - Omron Electronics LLC WL-2H4100 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
WL
WL
8
4. Motor load has an inrush current of 6 times the steady-state current.
5. For PC loads, use the microload models.
Inrush current
NC
30 A max. (15 A max. (see note))
NO
20 A max. (10 A max. (see note))
Note: Only for high-sensitivity overtravel models.
Microload Models
Rated voltage
Resistive load
125 VAC
0.1 A
30 VDC
Operation within the three zones illustrated in the following diagram
will produce optimum performance.
Recommended Load Range: 5 to 30 VDC, 0.5 to 100 mA
Current (mA)
5mW
0.8 W
Contact Form
Standard (WLj)/Microload (WL01j) Models
Ground Terminal Models
WL
-
12
1: Type of actuator
2: Conduit opening size
The models differ depending on the size of the case’s conduit
thread.
Model
Conduit opening size
G1
G 1/2
G
Pg 13.5
Y
M20
TS
1/2-14NPT


Similar Part No. - WL-2H4100

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WL-2000 LSTD-WL-2000 Datasheet
1Mb / 3P
   Adjustable Flow Rate
logo
Omron Electronics LLC
WL-2A100 OMRON-WL-2A100 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
WL-2A104 OMRON-WL-2A104 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
WL-2A105 OMRON-WL-2A105 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
WL-2A106 OMRON-WL-2A106 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
More results

Similar Description - WL-2H4100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WL-N OMRON-WL-N Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLCA2 OMRON-WLCA2 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
logo
Guangdong Youtai Semico...
SGM3157 UMW-SGM3157 Datasheet
829Kb / 9P
   Two-choice analog switch circuit
ET3157 UMW-ET3157 Datasheet
791Kb / 9P
   Two-choice analog switch circuit
SN74LVC1G3157 UMW-SN74LVC1G3157 Datasheet
845Kb / 9P
   Two-choice analog switch circuit
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com