Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40035C Datasheet(PDF) 4 Page - Intersil Corporation

Part # X40035C
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40035C Datasheet(HTML) 4 Page - Intersil Corporation

  X40035C Datasheet HTML 1Page - Intersil Corporation X40035C Datasheet HTML 2Page - Intersil Corporation X40035C Datasheet HTML 3Page - Intersil Corporation X40035C Datasheet HTML 4Page - Intersil Corporation X40035C Datasheet HTML 5Page - Intersil Corporation X40035C Datasheet HTML 6Page - Intersil Corporation X40035C Datasheet HTML 7Page - Intersil Corporation X40035C Datasheet HTML 8Page - Intersil Corporation X40035C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
FN8114.2
August 25, 2008
X40035V14-C
X4003 5VC
1.0 to 3.6
4.6V ±50mV
1.0V ±50mV
2.9V ±50mV
0 to +70
14 Ld TSSOP (4.4mm) MDP0044
X40035V14I-A
X4003 5VIA
1.3 to 5.5
1.3V ±50mV
3.1V ±50mV
-40 to +85
14 Ld TSSOP (4.4mm) MDP0044
X40035V14I-B
X4003 5VIB
2.9V ±50mV
-40 to +85
14 Ld TSSOP (4.4mm) MDP0044
X40035V14I-C
X4003 5VIC
1.0 to 3.6
1.0V ±50mV
-40 to +85
14 Ld TSSOP (4.4mm) MDP0044
X40031S14-C
X40031S C
1.7 to 3.6
2.9V ±50mV
2.2V ±50mV
2.6V ±50mV
0 to +70
14 Ld SOIC (150 mil)
MDP0027
X40031S14I-C
X40031S IC
-40 to +85
14 Ld SOIC (150 mil)
MDP0027
X40031V14-C
X4003 1VC
0 to +70
14 Ld TSSOP (4.4mm) MDP0044
X40031V14I-C
X4003 1VIC
-40 to +85
14 Ld TSSOP (4.4mm) MDP0044
X40031S14-B
X40031S B
1.7 to 5.5
4.4V ±50mV
2.6V ±50mV
1.8V ±50mV
0 to +70
14 Ld SOIC (150 mil)
MDP0027
X40031S14Z-B
(Note 2)
X40031S ZB
0 to +70
14 Ld SOIC (150 mil)
(Pb-free)
MDP0027
X40031S14I-B
X40031S IB
-40 to +85
14 Ld SOIC (150 mil)
MDP0027
X40031S14IZ-B
(Note 2)
X40031S ZIB
-40 to +85
14 Ld SOIC (150 mil)
(Pb-free)
MDP0027
X40031V14-B
X4003 1VB
0 to +70
14 Ld TSSOP (4.4mm) MDP0044
X40031V14I-B
X4003 1VIB
-40 to +85
14 Ld TSSOP (4.4mm) MDP0044
X40031S14-A
X40031S A
4.6V ±50mV
2.9V ±50mV
0 to +70
14 Ld SOIC (150 mil)
MDP0027
X40031S14Z-A
(Note 2)
X40031S ZA
0 to +70
14 Ld SOIC (150 mil)
(Pb-free)
MDP0027
X40031S14I-A
X40031S IA
-40 to +85
14 Ld SOIC (150 mil)
MDP0027
X40031S14IZ-A
(Note 2)
X40031S ZIA
-40 to +85
14 Ld SOIC (150 mil)
(Pb-free)
MDP0027
X40031V14-A
X4003 1VA
0 to +70
14 Ld TSSOP (4.4mm) MDP0044
X40031V14I-A
X4003 1VIA
-40 to +85
14 Ld TSSOP (4.4mm) MDP0044
NOTES:
1. Add “T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
Ordering Information (Continued)
PART NUMBER
(Note 1)
PART
MARKING
MONITORED
VCC RANGE
VTRIP1
RANGE
VTRIP2
RANGE
VTRIP3
RANGE
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
X40030, X40031, X40034, X40035


Similar Part No. - X40035C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40035 INTERSIL-X40035 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
X40035 INTERSIL-X40035 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40035S14-A RENESAS-X40035S14-A Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40035S14-B RENESAS-X40035S14-B Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40035S14-C RENESAS-X40035S14-C Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40035C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com