Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSS015WNGB Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # FSS015WNGB
Description  Low Profile Force Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

FSS015WNGB Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  FSS015WNGB Datasheet HTML 1Page - Honeywell Solid State Electronics Center FSS015WNGB Datasheet HTML 2Page - Honeywell Solid State Electronics Center FSS015WNGB Datasheet HTML 3Page - Honeywell Solid State Electronics Center FSS015WNGB Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FSS-SMT Series
Low Profile Force Sensor
DESCRIPTION
Honeywell’s FSS-SMT Series force sensors are designed to be
one of the most reliable force sensors available as illustrated
by 20 million Mean Cycles to Failure (MCTF) at 25 °C [77 °F]
rating. This low profile Surface Mount Technology (SMT)
sensor allows for automated assembly on a printed circuit
board, often helping the customer to reduce assembly costs.
The FSS-SMT Series force sensor is designed to provide
precise and reliable force sensing performance in a compact
commercial-grade package. The sensor incorporates
Honeywell sensing technology that uses a specialized
piezoresistive micromachined silicon sensing element. The low
power, unamplified, uncompensated Wheatstone bridge circuit
design provides inherently stable mV output over the force
range.
Force sensors operate on the principle that the resistance of
silicon-implanted piezoresistors will change when the resistors
flex under applied force. The sensor concentrates force from
the applications, through the stainless steel ball, directly to the
silicon-sensing element. The amount of resistance changes in
proportion to the amount of force being applied. This change in
circuit resistance results in a corresponding mV output level
change.
The sensor package design incorporates patented modular
construction. The use of innovative elastomeric technology and
engineered molded plastics results in load excitation capacities
up to 60 N (range dependent). The stainless steel ball provides
excellent mechanical stability, and is suitable for a variety of
potential medical and commercial applications.
FEATURES AND BENEFITS
 Surface Mount Technology allows for automated
assembly and may eliminate hand soldering
 RoHS-compliant materials meet Directive 2002/95/EC
 Low deflection (approx. 30 µm typical at full scale) helps
reduce measurement error
 Direct mechanical coupling of the actuation ball to the
sense element reduces coupling errors and keeps
mechanical hysteresis to a minimum
 Product rating of 20 million MCTF at 25 °C [77 °F], subject
to application variation, provides for consistent output over
time and reduces repairs or replacements
 Small size minimizes space on the printed circuit board
(PCB)
 Provides enhanced sensitivity without compromising signal
integrity, resulting in low system noise and reducing
measurement errors
 Electrically ratiometric output accommodates supply
voltage variations, leading to low ratiometricity error
 Low voltage supply allows for use in many battery powered
applications
 High resistance to electrostatic discharge (ESD) meets
ESD Sensitivity Classification Level 3B (8 KV), reducing
special handling during assembly
 Sensor output has low sensitivity to many mounting
stresses
POTENTIAL APPLICATIONS
Medical
 Infusion pumps
 Ambulatory non-invasive pumps
 Occlusion detection
 Kidney dialysis machines
 Enteral pumps
Industrial
 Load and compression sensing
 Variable tension control
 Robotic end-effectors
 Wire bonding equipment


Similar Part No. - FSS015WNGB

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSS SCHURTER-FSS Datasheet
532Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical Attenuation
FSS SCHURTER-FSS Datasheet
444Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical Attenuationl
logo
Heyco.
FSS HEYCO-FSS Datasheet
132Kb / 1P
   Break-Away Bumpers
logo
Festo Corporation.
FSS-12-C FESTO-FSS-12-C Datasheet
76Kb / 1P
   Quickstepper
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT Datasheet
213Kb / 6P
   Low Profile Force Sensor
More results

Similar Description - FSS015WNGB

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT Datasheet
213Kb / 6P
   Low Profile Force Sensor
logo
Sensortechnics GmbH
FSS1500NST SENSORTECHNICS-FSS1500NST Datasheet
90Kb / 3P
   Low profile force sensor
RFU15001P SENSORTECHNICS-RFU15001P Datasheet
50Kb / 3P
   Low profile force sensor
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR003A ALPS-HSFPAR003A Datasheet
1Mb / 19P
   Force Sensor
logo
HOKURIKU ELECTRIC INDUS...
HFD-500S HOKURIKU-HFD-500S Datasheet
159Kb / 1P
   Force Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR ALPS-HSFPAR Datasheet
250Kb / 1P
   Force Sensor
HSFPAR303A ALPS-HSFPAR303A Datasheet
2Mb / 14P
   Force Sensor UNIT
logo
KISTLER INSTRUMENT CORP...
913XCA-SET KISTLER-913XCA-SET Datasheet
305Kb / 3P
   Piezoelectric force sensor kit SlimLine Piezoelectric force sensor kit
9306A KISTLER-9306A Datasheet
1Mb / 5P
   6-Axis Force/Torque Sensor
logo
Toshiba Semiconductor
TA8553FN TOSHIBA-TA8553FN Datasheet
421Kb / 12P
   G-FORCE SENSOR AMP IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com