Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62WV102416BLL-25MI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS62WV102416BLL-25MI
Description  1M x 16 HIGH-SPEED LOW POWER ASYNCHRONOUS CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62WV102416BLL-25MI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS62WV102416BLL-25MI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62WV102416BLL-25MI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62WV102416BLL-25MI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62WV102416BLL-25MI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62WV102416BLL-25MI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV102416BLL-25MI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV102416BLL-25MI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV102416BLL-25MI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62WV102416BLL-25MI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
01/18/08
IS62WV102416ALL
IS62WV102416BLL
IS65WV102416BLL
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
VDD = 2.4V-3.6V
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VDD = Min., IOH = –1.0 mA
1.8
V
VOL
Output LOW Voltage
VDD = Min., IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VDD + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VDD, Outputs Disabled
–1
1
µA
Note:
1. VIL(min.)=–0.3VDC;VIL(min.)=–2.0VAC(pulsewidth <10ns).Not100%tested.
VIH(max.)=VDD+0.3VDC;VIH(max.) =VDD+2.0VAC(pulsewidth<10ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
VDD = 1.65V-2.2V
Symbol
Parameter
Test Conditions
VDD
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = -0.1 mA
1.65-2.2V
Vcc – 0.4V
V
VOL
Output LOW Voltage
IOL = 0.1 mA
1.65-2.2V
0.2
V
VIH
Input HIGH Voltage
1.65-2.2V
1.4
VDD + 0.2
V
VIL(1)
Input LOW Voltage
1.65-2.2V
–0.2
0.4
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VDD, Outputs Disabled
–1
1
µA
Notes:
1. VIL(min.)= –0.3VDC; VIL(min.)= –2.0VAC(pulsewidth<10ns).Not100%tested.
VIH(max.)= VDD+0.3VDC;VIH(max.)= VDD+2.0VAC(pulsewidth<10ns).Not100%tested.


Similar Part No. - IS62WV102416BLL-25MI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV102416DALL ISSI-IS62WV102416DALL Datasheet
1,004Kb / 15P
   Industrial and Automotive temperature support
IS62WV102416DBLL ISSI-IS62WV102416DBLL Datasheet
1,004Kb / 15P
   Industrial and Automotive temperature support
IS62WV102416EALL ISSI-IS62WV102416EALL Datasheet
1Mb / 15P
   TTL compatible interface levels
IS62WV102416EBLL ISSI-IS62WV102416EBLL Datasheet
1Mb / 15P
   TTL compatible interface levels
More results

Similar Description - IS62WV102416BLL-25MI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL_12 Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com