Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR16160A Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS46DR16160A
Description  32Mx8, 16Mx16 DDR2 DRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16160A Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS46DR16160A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46DR16160A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46DR16160A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46DR16160A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46DR16160A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46DR16160A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR16160A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR16160A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR16160A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. D
08/16/2012
Copyright © 2012 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without
notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the lat-
est version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reason-
ably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications
unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
IS43/46DR83200A
IS43/46DR16160A
AUGUST 2012
32Mx8, 16Mx16 DDR2 DRAM
FEATURES
• Vdd = 1.8V ±0.1V, Vddq = 1.8V ±0.1V
• JEDEC standard 1.8V I/O (SSTL_18-compatible)
• Double data rate interface: two data transfers
per clock cycle
• Differential data strobe (DQS, DQS)
• 4-bit prefetch architecture
• On chip DLL to align DQ and DQS transitions
with CK
• 4 internal banks for concurrent operation
• Programmable CAS latency (CL) 3, 4, 5, and 6
supported
• Posted CAS and programmable additive latency
(AL) 0, 1, 2, 3, 4, and 5 supported
• WRITE latency = READ latency - 1 tCK
• Programmable burst lengths: 4 or 8
• Adjustable data-output drive strength, full and
reduced strength options
• On-die termination (ODT)
OPTIONS
• Configuration(s):
32Mx8 (8Mx8x4 banks) IS43/46DR83200A
16Mx16 (4Mx16x4 banks) IS43/46DR16160A
• Package:
x8: 60-ball TW-BGA (8mm x 10.5mm)
x16: 84-ball TW-BGA (8mm x 12.5mm)
Timing – Cycle time
2.5ns @CL=6 DDR2-800E
3.0ns @CL=5 DDR2-667D
3.75ns @CL=4 DDR2-533C
5.0ns @CL=3 DDR2-400B
• Temperature Range:
Commercial (0°C ≤ Tc ≤ 85°C)
Industrial (-40°C ≤ Tc ≤ 95°C; -40°C ≤ Ta ≤ 85°C)
Automotive, A1 (-40°C ≤ Tc ≤ 95°C; -40°C ≤ Ta ≤ 85°C)
Automotive, A2 (-40°C ≤ Tc; Ta ≤ 105°C)
Tc = Case Temp, Ta = Ambient Temp
DESCRIPTION
ISSI's 256Mb DDR2 SDRAM uses a double-data-rate
architecture to achieve high-speed operation. The
double-data rate architecture is essentially a 4n-prefetch
architecture, with an interface designed to transfer two
data words per clock cycle at the I/O balls.
Parameter
32M x 8
16M x 16
Configuration
8M x 8 x 4
banks
4M x 16 x 4
banks
Refresh Count
8K/64ms
8K/64ms
Row Addressing
8K (A0-A12) 8K (A0-A12)
Column
Addressing
1K (A0-A9)
512 (A0-A8)
Bank Addressing BA0, BA1
BA0, BA1
Precharge
Addressing
A10
A10
ADDRESS TABLE
Speed Grade
-25E
-3D
-37C
-5B
tRCD
15
15
15
15
tRP
15
15
15
15
tRC
60
60
60
55
tRAS
45
45
45
40
tCK @CL=3
5
5
5
5
tCK @CL=4
3.75
3.75
3.75
5
tCK @CL=5
3
3
tCK @CL=6
2.5
KEY TIMING PARAMETERS


Similar Part No. - IS46DR16160A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR16160B ISSI-IS46DR16160B Datasheet
1Mb / 46P
   Differential data strobe
More results

Similar Description - IS46DR16160A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR83200A ISSI-IS43DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
IS43R83200B ISSI-IS43R83200B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS42VS83200J ISSI-IS42VS83200J Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS43DR32801B ISSI-IS43DR32801B Datasheet
999Kb / 44P
   256Mb DDR2 DRAM
IS43DR32800A ISSI-IS43DR32800A Datasheet
913Kb / 41P
   256Mb DDR2 DRAM
IS43DR82560B ISSI-IS43DR82560B Datasheet
1Mb / 48P
   256Mx8, 128Mx16 DDR2 DRAM
IS43DR86400C ISSI-IS43DR86400C Datasheet
1Mb / 48P
   64Mx8, 32Mx16 DDR2 DRAM
logo
Hanbit Electronics Co.,...
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com