Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV51232BLS Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61WV51232BLS
Description  512K x 32 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV51232BLS Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61WV51232BLS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV51232BLS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV51232BLS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV51232BLS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV51232BLS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV51232BLS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV51232BLS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV51232BLS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV51232BLS Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00B
04/23/08
IS61WV51232ALL/ALS
IS61WV51232BLL/BLS
IS64WV51232BLL/BLS
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-25
-35
Symbol Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
ICC
VDD Dynamic Operating
VDD = Max.,
Com.
30
25
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
35
30
Auto.
60
60
typ.(2)
25
ICC1
Operating
VDD = Max.,
Com.
20
20
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
30
30
Auto.
50
50
ISB1
TTL Standby Current
VDD = Max.,
Com.
15
15
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
20
20
CE
≥ VIH, f = 0
Auto.
40
40
ISB2
CMOS Standby
VDD = Max.,
Com.
0.8
0.8
mA
Current (CMOS Inputs)
CE
≥ VDD – 0.2V,
Ind.
1.2
1.2
VIN
≥ VDD – 0.2V, or
Auto.
2
2
VIN
≤ 0.2V, f = 0
typ.(2)
0.1
0.1
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 3.0V, TA = 25oC and not 100% tested.
OPERATING RANGE (VDD) (IS61WV51232BLS)(1)
Range
Ambient Temperature
VDD (25 nS)1
Commercial
0°C to +70°C
2.4V-3.6V
Industrial
–40°C to +85°C
2.4V-3.6V
Note:
1.Whenoperatedintherangeof2.4V-3.6V,thedevicemeets25ns.Whenoperatedintherangeof3.3V
+5%,thedevicemeets20ns.
LOW POWER
OPERATING RANGE (VDD) (IS61WV51232ALS)
Range
Ambient Temperature
VDD
Speed
Commercial
0°C to +70°C
1.65V-2.2V
35ns
Industrial
–40°C to +85°C
1.65V-2.2V
35ns
Automotive
–40°C to +125°C
1.65V-2.2V
35ns


Similar Part No. - IS61WV51232BLS

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL-20MI ISSI-IS61WV51216ALL-20MI Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL-20TI ISSI-IS61WV51216ALL-20TI Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216BLL ISSI-IS61WV51216BLL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216BLL-10MI ISSI-IS61WV51216BLL-10MI Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61WV51232BLS

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com