Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43DR16160A-3DBI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS43DR16160A-3DBI
Description  32Mx8, 16Mx16 DDR2 DRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16160A-3DBI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS43DR16160A-3DBI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR16160A-3DBI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR16160A-3DBI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43DR16160A-3DBI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43DR16160A-3DBI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43DR16160A-3DBI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS43DR16160A-3DBI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS43DR16160A-3DBI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS43DR16160A-3DBI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
11
Rev. D
08/16/2012
IS43/46DR83200A, IS43/46DR16160A
OVERSHOOT/UNDERSHOOT SPECIFICATION
AC overshoot/undershoot specification for Address and Control pins
Parameter
Specification
DDR2-400
DDR2-533
DDR2-667
DDR2-800
Maximum peak amplitude allowed for overshoot area
0.5V
0.5V
0.5V
0.5V
Maximum peak amplitude allowed for undershoot area
0.5V
0.5V
0.5V
0.5V
Maximum overshoot area above VDD (see figure below)
1.33 V-ns
1.0 V-ns
0.8 V-ns
0.66 V-ns
Maximum undershoot area below VSS (see figure below)
1.33 V-ns
1.0 V-ns
0.8 V-ns
0.66 V-ns
OvershootArea
Maximum Amplitude
VDD
Undershoot Area
MaximumAmplitude
VSS
Volts
(V)
Time (ns)
OvershootArea
Maximum Amplitude
VDDQ
UndershootArea
MaximumAmplitude
VSSQ
Volts
(V)
Time (ns)
AC overshoot and undershoot definition for address and control pins
AC overshoot/undershoot specification for Clock, Data, Strobe, and Mask pins:
DQ, (U/L/R) DQS, (U/L/R) DQS, DM, CK, CK
Parameter
Specification
DDR2-400
DDR2-533 DDR2-667
DDR2-800
Maximum peak amplitude allowed for overshoot area
0.5V
0.5V
0.5V
0.5V
Maximum peak amplitude allowed for undershoot area
0.5V
0.5V
0.5V
0.5V
Maximum overshoot area above VDDQ (See Figure below)
0.38 V-ns
0.28 V-ns
0.23 V-ns
0.23 V-ns
Maximum undershoot area below VSSQ (See Figure below)
0.38 V-ns
0.28 V-ns
0.23 V-ns
0.23 V-ns
AC overshoot and undershoot definition for clock, data, strobe, and mask pins


Similar Part No. - IS43DR16160A-3DBI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16128 ISSI-IS43DR16128 Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
IS43DR16128-3DBI ISSI-IS43DR16128-3DBI Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
IS43DR16128-3DBL ISSI-IS43DR16128-3DBL Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
IS43DR16128-3DBLI ISSI-IS43DR16128-3DBLI Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
IS43DR16128A ISSI-IS43DR16128A Datasheet
993Kb / 26P
   Clock frequency up to 333MHz
More results

Similar Description - IS43DR16160A-3DBI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR83200A ISSI-IS43DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
IS43R83200B ISSI-IS43R83200B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS42VS83200J ISSI-IS42VS83200J Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS43DR32801B ISSI-IS43DR32801B Datasheet
999Kb / 44P
   256Mb DDR2 DRAM
IS43DR32800A ISSI-IS43DR32800A Datasheet
913Kb / 41P
   256Mb DDR2 DRAM
IS43DR82560B ISSI-IS43DR82560B Datasheet
1Mb / 48P
   256Mx8, 128Mx16 DDR2 DRAM
IS43DR86400C ISSI-IS43DR86400C Datasheet
1Mb / 48P
   64Mx8, 32Mx16 DDR2 DRAM
logo
Hanbit Electronics Co.,...
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com