Electronic Components Datasheet Search |
|
IS43DR83200A-37CBI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc |
|
IS43DR83200A-37CBI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc |
8 / 48 page 8 Integrated Silicon Solution, Inc. — www.issi.com Rev. D 08/16/2012 IS43/46DR83200A, IS43/46DR16160A Symbol Parameter Rating(1,2,3) Units TOPER Commercial Temperature Tc = 0 to +85 o C Industrial Temperature, Tc = -40 to +95 o C Automotive Temperature (A1) Ta = -40 to +85 o C Automotive Temperature (A2) Tc = -40 to +105 o C Ta = -40 to +105 o C Operating Temperature Condition ODT DC Electrical Characteristics PARAMETER/CONDITION SYMBOL MIN NOM MAX UNITS NOTES Rtt effective impedance value for EMR(1)[A6,A2]=0,1; 75 Ω Rtt1(eff) 60 75 90 Ω 1 Rtt effective impedance value for EMR(1)[A6,A2]=1,0; 150 Ω Rtt2(eff) 120 150 180 Ω 1 Rtt effective impedance value for EMR(1)[A6,A2]=1,1; 50 Ω Rtt3(eff) 40 50 60 Ω 1 Deviation of VM with respect to VDDQ/2 ΔVM - 6 + 6 % 1 Notes: 1. Test condition for Rtt measurements Measurement Definition for Rtt(eff): Apply VIH (ac) and VIL (ac) to test pin separately, then measure current I(VIH (ac)) and I( VIL (ac)) respectively. VIH (ac), VIL (ac), and VDDQ values defined in SSTL_18 Rtt (eff) Vih (ac) - Vil (ac) I(Vih (ac)) - I(Vil (ac)) Measurement Definition for VM: Measure voltage (VM) at test pin (midpoint) with no load. ΔVM = [(2 x VM / VDDQ) - 1] x 100% Notes: 1. Tc = Operating case temperature at center of package 2. Ta = Operating ambient temperature immediately above package center. 3. Both temperature specifications must be met. Thermal Resistance Package Substrate Theta-ja (Airflow = 0m/s) Theta-ja (Airflow = 1m/s) Theta-ja (Airflow = 2m/s) Theta-jc Units 60-ball BGA 4-layer 39.71 34.21 32.17 3.27 C/W 84-ball BGA 4-layer 34.66 30.07 28.66 6.68 C/W |
Similar Part No. - IS43DR83200A-37CBI |
|
Similar Description - IS43DR83200A-37CBI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |