Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46R16160B-6TLA1 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS46R16160B-6TLA1
Description  32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46R16160B-6TLA1 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS46R16160B-6TLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46R16160B-6TLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46R16160B-6TLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46R16160B-6TLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46R16160B-6TLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46R16160B-6TLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46R16160B-6TLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46R16160B-6TLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46R16160B-6TLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Integrated Silicon Solution, Inc.
3
Rev. E
08/13/2010
IS43R83200B, IS46R83200B
IS43R16160B, IS46R16160B
PIN CONFIGURATIONS
66 pin TSOP - Type II for x8, x16
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM
WE
CAS
RAS
CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
NC
VDDQ
NC
NC
VDD
NC
NC
WE
CAS
RAS
CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
CLK
CLK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
VSS
DQ7
VSSQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
NC
VSSQ
DQS
NC
VREF
VSS
DM
CLK
CLK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
x8
x8
x16
x16
PIN DESCRIPTION:
A0-A12
Row Address Input
A0-A8 (x16)
A0-A9 (x8)
Column Address Input
BA0, BA1
Bank Select Address
DQ0 – DQ15 (x16)
DQ0 – DQ7 (x8)
Data I/O
CLK, CLK
System Clock Input
CKE
Clock Enable
CS
Chip Select
CAS
Column Address Strobe
Command
RAS
Row Address Strobe
Command
WE
Write Enable
LDM, UDM (x16)
DM (x8)
Data Write Mask
LDQS, UDQS (x16)
DQS (x8)
Data Strobe
VDD
Power
VDDQ
Power Supply for I/O Pins
VSS
Ground
VSSQ
Ground for I/O Pins
VREF
SSTL_2 reference voltage
NC
No Connection


Similar Part No. - IS46R16160B-6TLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46R16160D-5BLA1 ISSI-IS46R16160D-5BLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS46R16160D-5TLA1 ISSI-IS46R16160D-5TLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS46R16160D-6BLA1 ISSI-IS46R16160D-6BLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS46R16160D-6BLA2 ISSI-IS46R16160D-6BLA2 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS46R16160D-6TLA1 ISSI-IS46R16160D-6TLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
More results

Similar Description - IS46R16160B-6TLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS83200J ISSI-IS42VS83200J Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS43DR83200A ISSI-IS43DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
46DR83200A ISSI-46DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
logo
NanoAmp Solutions, Inc.
NT5DS64M4CT NANOAMP-NT5DS64M4CT Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
logo
List of Unclassifed Man...
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com