Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93L66F-WE2 Datasheet(PDF) 7 Page - Rohm

Part # BR93L66F-WE2
Description  High Reliability Serial EEPROMs High Reliability Series
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93L66F-WE2 Datasheet(HTML) 7 Page - Rohm

Back Button BR93L66F-WE2 Datasheet HTML 3Page - Rohm BR93L66F-WE2 Datasheet HTML 4Page - Rohm BR93L66F-WE2 Datasheet HTML 5Page - Rohm BR93L66F-WE2 Datasheet HTML 6Page - Rohm BR93L66F-WE2 Datasheet HTML 7Page - Rohm BR93L66F-WE2 Datasheet HTML 8Page - Rohm BR93L66F-WE2 Datasheet HTML 9Page - Rohm BR93L66F-WE2 Datasheet HTML 10Page - Rohm BR93L66F-WE2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Technical Note
BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series
7/40
www.rohm.com
2011.09 - Rev.G
© 2011 ROHM Co., Ltd. All rights reserved.
●BR93L□□-W Characteristic data (The following characteristic data are Typ. values.)
Fig.17
Consumption current at WRAL action
ICC3 (WRAL, fSK=500kHz)
Fig.18
Consumption current at standby action ISB
Fig.19
SK frequency fSK
Fig.20
SK high time tSKH
Fig.21
SK low time tSKL
Fig.22
CS low time tCS
Fig.23
CS hold time tCSH
Fig.24
CS setup time tCSS
Fig.25
DI hold time tDIH
Fig.26
DI setup time tDIS
Fig.27
Data “0” output delay time tPD0
Fig.28
Output data “1” delay time tPD1
Fig.29
Time from CS to output establishment tSV
Fig.30
Time from CS to High-Z tDF
Fig.31
Write cycle time tE/W


Similar Part No. - BR93L66F-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L66F-WE2 ROHM-BR93L66F-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L66F-WE2 ROHM-BR93L66F-WE2 Datasheet
1Mb / 39P
   Microwire BUS EEPROM
More results

Similar Description - BR93L66F-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR25S128F-WE2 ROHM-BR25S128F-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com