Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93A66F-WE2 Datasheet(PDF) 11 Page - Rohm

Part # BR93A66F-WE2
Description  High Reliability Serial EEPROMs High Reliability Series
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93A66F-WE2 Datasheet(HTML) 11 Page - Rohm

Back Button BR93A66F-WE2 Datasheet HTML 7Page - Rohm BR93A66F-WE2 Datasheet HTML 8Page - Rohm BR93A66F-WE2 Datasheet HTML 9Page - Rohm BR93A66F-WE2 Datasheet HTML 10Page - Rohm BR93A66F-WE2 Datasheet HTML 11Page - Rohm BR93A66F-WE2 Datasheet HTML 12Page - Rohm BR93A66F-WE2 Datasheet HTML 13Page - Rohm BR93A66F-WE2 Datasheet HTML 14Page - Rohm BR93A66F-WE2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Technical Note
BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series
11/40
www.rohm.com
2011.09 - Rev.G
© 2011 ROHM Co., Ltd. All rights reserved.
●Description of operations
Communications of the Microwire Bus are carried out by SK (serial clock), DI (serial data input),DO (serial data output) ,and
CS (chip select) for device selection.
When to connect one EEPROM to a microcontroller, connect it as shown in Fig.59(a) or Fig.59(b). When to use the input and
output common I/O port of the microcontroller, connect DI and DO via a resistor as shown in Fig.59(b) (Refer to pages
17/35.), and connection by 3 lines is available.
In the case of plural connections, refer to Fig. 59 (c).
Communications of the Microwire Bus are started by the first “1” input after the rise of CS. This input is called a start bit. After
input of the start bit, input ope code, address and data. Address and data are input all in MSB first manners.
“0” input after the rise of CS to the start bit input is all ignored. Therefore, when there is limitation in the bit width of PIO of the
microcontroller, input “0” before the start bit input, to control the bit width.
●Command mode
Command
Start
bit
Ope
code
Address
Data
BR93L46-W
BR93A46-WM
BR93L56/66-W
BR93A56/66-WM
BR93L76/86-W
BR93A76/86-WM
Read (READ)
*1
1
10
A5,A4,A3,A2,A1,A0
A7,A6,A5,A4,A3,A2,A1,A0
A9,A8,A7,A6,A5,A4,A3,A2,A1,A0
D15~D0(READ DATA)
Write enable (WEN)
1
00
1
1
* * * *
1
1
* * * * * *
1
1
* * * * * * * *
Write (WRITE)
*2
1
01
A5,A4,A3,A2,A1,A0
A7,A6,A5,A4,A3,A2,A1,A0
A9,A8,A7,A6,A5,A4,A3,A2,A1,A0
D15~D0(WRITE DATA)
Write all (WRAL)
*2
1
00
0
1
* * * *
0
1
* * * * * *
0
1
* * * * * * * *
D15~D0(WRITE DATA)
Write disable (WDS)
1
00
0
0
* * * *
0
0
* * * * * *
0
0
* * * * * * * *
Erase (ERASE)
1
11
A5,A4,A3,A2,A1,A0
A7,A6,A5,A4,A3,A2,A1,A0
A9,A8,A7,A6,A5,A4,A3,A2,A1,A0
Chip erase (ERAL)
1
00
1
0
* * * *
1
0
* * * * * *
1
0
* * * * * * * *
・ Input the address and the data in MSB first manners.
・ As for *, input either VIH or VIL.
*Start bit
Acceptance of all the commands of this IC starts at recognition of the start bit.
The start bit means the first “1” input after the rise of CS.
*1
As for read, by continuous SK clock input after setting the read command, data output of the set address starts, and
address data in significant order are sequentially output continuously. (Auto increment function)
*2
When the read and the write all commands are executed, data written in the selected memory cell is automatically deleted, and input data is written.
Fig.59-(a) Connection by 4 lines
CS
SK
DO
DI
CS
SK
DO
CS
SK
DI
DO
Fig.59-(b) Connection by 3 lines
CS
SK
DI
DO
CS3
CS1
CS0
SK
DO
DI
Device 1
Device 2
Device 3
Fig.59-(c) Connection example of plural devices
Fig.59 Connection method with microcontroller
Micro-
controller
BR93LXX
/AXX
Micro-
controller
Micro-
controller
A7 of BR93L56-W/A56-WM becomes Don't Care.
A9 of BR93L76-W/A76-WM becomes Don't Care.
BR93LXX
/AXX


Similar Part No. - BR93A66F-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93A66F-WE2 ROHM-BR93A66F-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results

Similar Description - BR93A66F-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR25S128F-WE2 ROHM-BR25S128F-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com