Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU30SD2MG-MTR Datasheet(PDF) 7 Page - Rohm

Part # BU30SD2MG-MTR
Description  1ch 200mA CMOS LDO Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU30SD2MG-MTR Datasheet(HTML) 7 Page - Rohm

Back Button BU30SD2MG-MTR Datasheet HTML 3Page - Rohm BU30SD2MG-MTR Datasheet HTML 4Page - Rohm BU30SD2MG-MTR Datasheet HTML 5Page - Rohm BU30SD2MG-MTR Datasheet HTML 6Page - Rohm BU30SD2MG-MTR Datasheet HTML 7Page - Rohm BU30SD2MG-MTR Datasheet HTML 8Page - Rohm BU30SD2MG-MTR Datasheet HTML 9Page - Rohm BU30SD2MG-MTR Datasheet HTML 10Page - Rohm BU30SD2MG-MTR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Datasheet
Datasheet
7/28
TSZ02201-0RBR0A300020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.03.19 Rev.002
www.rohm.com
TSZ22111・15・001
BUxxSD2-M series
●Reference data BU12SD2MG-M (Unless otherwise specified, Ta=25℃.)
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20406080
100
Temperature Ta (℃)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
STBY Pin Voltage VSTBY (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.00
0.25
0.50
0.75
1.00
1.25
1.50
STBY Pin Voltage VSTBY (V)
Figure 11. STBY Threshold
Figure 12. Circuit Current ( at STBY) vs. Temperature
Figure 13. STBY Pin Current vs. STBY Pin Voltage
VIN=3.5V
IOUT=0.1mA
VIN=6.0V
VSTBY=0V
Ta=105℃
Ta=25℃
Ta=-40℃
Ta=105℃
Ta=25℃
Ta=-40℃


Similar Part No. - BU30SD2MG-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU30SA4WGWL ROHM-BU30SA4WGWL Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU30SA4WGWL-E2 ROHM-BU30SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
More results

Similar Description - BU30SD2MG-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com