Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93A76FJ-WE2 Datasheet(PDF) 3 Page - Rohm

Part # BR93A76FJ-WE2
Description  High Reliability Serial EEPROMs High Reliability Series
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93A76FJ-WE2 Datasheet(HTML) 3 Page - Rohm

  BR93A76FJ-WE2 Datasheet HTML 1Page - Rohm BR93A76FJ-WE2 Datasheet HTML 2Page - Rohm BR93A76FJ-WE2 Datasheet HTML 3Page - Rohm BR93A76FJ-WE2 Datasheet HTML 4Page - Rohm BR93A76FJ-WE2 Datasheet HTML 5Page - Rohm BR93A76FJ-WE2 Datasheet HTML 6Page - Rohm BR93A76FJ-WE2 Datasheet HTML 7Page - Rohm BR93A76FJ-WE2 Datasheet HTML 8Page - Rohm BR93A76FJ-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Technical Note
BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series
3/40
www.rohm.com
2011.09 - Rev.G
© 2011 ROHM Co., Ltd. All rights reserved.
●Absolute Maximum Ratings(Ta=25℃,BR93L□□-W)
Parameter
Symbol
Limits
Unit
Impressed voltage
VCC
-0.3~+6.5
V
Permissible dissipation
Pd
450 (SOP8)
*1
mW
450 (SOP-J8)
*2
300 (SSOP-B8)
*3
330 (TSSOP-B8)
*4
310 (MSOP8)
*5
310 (TSSOP-B8J)
*6
Storage temperature range
Tstg
-65~+125
Action temperature range
Topr
-40~+85
Terminal voltage
-0.3~VCC+0.3
V
* When using at Ta=25℃ or higher, 4.5mW(*1,*2), 3.0mW(*3) 3.3mW(*4),
3.1mW(*5, 6), to be reduced per 1℃.
●Absolute Maximum Ratings (Ta=25℃,BR93A□□-WM)
Parameter
Symbol
Limits
Unit
Impressed voltage
VCC
-0.3~+6.5
V
Permissible
dissipation
Pd
450 (SOP8)
*1
mW
450 (SOP-J8)
*2
330 (TSSOP-B8)
*3
310 (MSOP8)
*4
Storage temperature range
Tstg
-65~+125
Action temperature range
Topr
-40~+105
Terminal voltage
-0.3~VCC+0.3
V
* When using at Ta=25℃ or higher, 4.5mW(*1,*2), 3.3mW(*3), 3.1 mW(*4) to be reduced per 1℃.
●Memory cell characteristics (VCC=1.8~5.5V,BR93L□□-W)
Parameter
Limit
Unit
Condition
Min.
Typ.
Max.
Endurance
*1
1,000,000
-
-
Times
Ta=25℃
Data retention
*1
40
-
-
Years
Ta=25℃
○Shipment data all address FFFFh
*1
Not 100% TESTED
●Memory cell characteristics (VCC=2.5~5.5V,BR93A□□-WM)
Parameter
Limit
Unit
Condition
Min.
Typ.
Max.
Endurance
*1
1,000,000
Times
Ta≦25℃
100,000
Ta≦105℃
Data retention
*1
40
-
-
Years
Ta≦25℃
10
-
-
Ta≦105℃
○Shipment data all address FFFFh
*1
Not 100% TESTED
●Recommended action conditions (BR93L□□-W)
Parameter
Symbol
Limits
Unit
Power source voltage
VCC
1.8~5.5
V
Input voltage
VIN
0~VCC
●Recommended action conditions (BR93A□□-WM)
Parameter
Symbol
Limits
Unit
Power source voltage
VCC
2.5~5.5
V
Input voltage
VIN
0~VCC


Similar Part No. - BR93A76FJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93A76FJ-WE2 ROHM-BR93A76FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results

Similar Description - BR93A76FJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR25S128F-WE2 ROHM-BR25S128F-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com