Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSB1149 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSB1149
Description  Low Collector Saturation Voltage Built-in Damper Diode at E-C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB1149 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSB1149 Datasheet HTML 1Page - Fairchild Semiconductor KSB1149 Datasheet HTML 2Page - Fairchild Semiconductor KSB1149 Datasheet HTML 3Page - Fairchild Semiconductor KSB1149 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 4. Forward Bias Safe Operating Area
Figure 5. Derating Curve of Safe Operating Areas
Figure 6. Power Derating
-0
-1
-2
-3
-4
-5
-0
-1
-2
-3
-4
-5
IB=-900uA
IB=-800uA
IB=-700uA
IB=-600uA
IB=-500uA
IB=-400uA
IB=-300uA
IB=-100uA
IB=-200uA
VCE[V], COLLECTOR-EMITTER VOLTAGE
-0.01
-0.1
-1
-10
100
1000
10000
100000
VCE = -2V
Pulsed
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-0.1
-1
-10
-100
Ic = 1000 IB
Pulsed
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-1
-10
-100
500
-0.01
-0.1
-1
-10
Tc=25
o
C
Single Pulse
Ic(DC)
Ic(Pulse)
Di
ssipat
ion
Li
mite
d
200m
s
10m
s
VCE[V], COLLECTOR-EMITTER VOLTAGE
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
140
160
DI
SS
IP
AT
IO
N
LI
M
IT
ED
s/b LI
MIT
ED
TC[
o
C], CASE TEMPERATURE
0
25
50
75
100
125
150
175
0
5
10
15
20
TC[
o
C], CASE TEMPERATURE


Similar Part No. - KSB1149

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1116 FAIRCHILD-KSB1116 Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
logo
Foshan Blue Rocket Elec...
KSB1116 FOSHAN-KSB1116 Datasheet
911Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Fairchild Semiconductor
KSB1116A FAIRCHILD-KSB1116A Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
logo
Foshan Blue Rocket Elec...
KSB1116A FOSHAN-KSB1116A Datasheet
911Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Fairchild Semiconductor
KSB1116AYTA FAIRCHILD-KSB1116AYTA Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
More results

Similar Description - KSB1149

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSD1692 SAMSUNG-KSD1692 Datasheet
263Kb / 7P
   NPN (HIGH DC CURRENT GAIN LOW COLLECTOR SATURATION VOLTAGE BUILT-IN A DAMPER DIODE AT E-C)
logo
NEC
2SB1318 NEC-2SB1318 Datasheet
120Kb / 2P
   Darlington Transistor BUILT-IN DUMPER DIODE AT E-C
2SB1151 NEC-2SB1151 Datasheet
150Kb / 2P
   Low Collector Saturation Voltage
logo
Inchange Semiconductor ...
2SB1261-K ISC-2SB1261-K Datasheet
97Kb / 2P
   Low Collector Saturation Voltage
GT43 ISC-GT43 Datasheet
141Kb / 2P
   Low Collector Saturation Voltage
2SC1383 ISC-2SC1383 Datasheet
770Kb / 4P
   Low Collector Saturation Voltage
2SD1071 ISC-2SD1071 Datasheet
139Kb / 2P
   Low Collector Saturation Voltage
logo
Shanghai Leiditech Elec...
2SB1386 LEIDITECH-2SB1386 Datasheet
1Mb / 4P
   Low collector saturation voltage
logo
Inchange Semiconductor ...
2SD1516 ISC-2SD1516 Datasheet
145Kb / 2P
   Low Collector Saturation Voltage
2SD1298 ISC-2SD1298 Datasheet
132Kb / 2P
   Low Collector Saturation Voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com