Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93L56RFJ-WE2 Datasheet(PDF) 6 Page - Rohm

Part # BR93L56RFJ-WE2
Description  High Reliability Serial EEPROMs High Reliability Series
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93L56RFJ-WE2 Datasheet(HTML) 6 Page - Rohm

Back Button BR93L56RFJ-WE2 Datasheet HTML 2Page - Rohm BR93L56RFJ-WE2 Datasheet HTML 3Page - Rohm BR93L56RFJ-WE2 Datasheet HTML 4Page - Rohm BR93L56RFJ-WE2 Datasheet HTML 5Page - Rohm BR93L56RFJ-WE2 Datasheet HTML 6Page - Rohm BR93L56RFJ-WE2 Datasheet HTML 7Page - Rohm BR93L56RFJ-WE2 Datasheet HTML 8Page - Rohm BR93L56RFJ-WE2 Datasheet HTML 9Page - Rohm BR93L56RFJ-WE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Technical Note
BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series
6/40
www.rohm.com
2011.09 - Rev.G
© 2011 ROHM Co., Ltd. All rights reserved.
●BR93L□□-W Characteristic data (The following characteristic data are Typ. values.)
Fig.2
H output voltage VIH(CS,SK,DI)
Fig.3
H input voltage VIL(CS,SK,DI)
Fig.4
L output voltage VOL-IOL(Vcc=1.8V)
Fig.5
L output voltage VOL-IOL(Vcc=2.5V)
Fig.6
L output voltage VOL-IOL(Vcc=4.0V)
Fig.7
H output voltage VOH-IOH(Vcc=1.8V)
Fig.8
H output voltage VOH-IOH(Vcc=2.5V)
Fig.9
H output voltage VOH-IOH(Vcc=4.0V)
Fig.10
Input leak current ILI(CS,SK,DI)
Fig.11
Output leak current ILO (DO)
Fig.12
Current consumption at WRITE action
ICC1 (WRITE, fSK=2MHz)
Fig.13
Consumption current at READ action
ICC2 (READ, fSK=2MHz)
Fig.14
Consumption current at WRAL action
ICC3 (WRAL, fSK=2MHz)
Fig.15
Current consumption at WRITE action
ICC1 (WRITE, fSK=500kHz)
Fig.16
Consumption current at READ action
ICC2 (READ, fSK=500kHz)


Similar Part No. - BR93L56RFJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L56RFJ-WE2 ROHM-BR93L56RFJ-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L56RFJ-WE2 ROHM-BR93L56RFJ-WE2 Datasheet
1Mb / 39P
   Microwire BUS EEPROM
More results

Similar Description - BR93L56RFJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR25S128F-WE2 ROHM-BR25S128F-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com